Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1165960000 Datasheet(PDF) 6 Page - Weidmuller

Part # 1165960000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1165960000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 1165960000 Datasheet HTML 2Page - Weidmuller 1165960000 Datasheet HTML 3Page - Weidmuller 1165960000 Datasheet HTML 4Page - Weidmuller 1165960000 Datasheet HTML 5Page - Weidmuller 1165960000 Datasheet HTML 6Page - Weidmuller 1165960000 Datasheet HTML 7Page - Weidmuller 1165960000 Datasheet HTML 8Page - Weidmuller 1165960000 Datasheet HTML 9Page - Weidmuller 1165960000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
DC/DC
0…20mA
0…20mA
yes
Without auxiliary pwr.
Fixed
6
Tens. clamp
8411190000
164
current loop supply
from input
0…20mA
0…20mA
yes
Without auxiliary pwr.
Fixed
17.5
Screw/
8444950000/
174
current loop supply
tens. clamp
8444960000
from input
(1-channel)
0…20mA
0…20mA
yes
Without auxiliary pwr.
Fixed
17.5
Screw/
8463580000/
174
current loop supply
tens. clamp
8463590000
from input
(2-channel)
0…20mA
0…20mA
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8445070000/
176
Voltage supply of
tens. clamp
8445080000
both sides
0…20mA
0…20mA
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540180000/
178
tens. clamp
8540190000
0…20mA
0…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447160000/
181
tens. clamp
8447170000
0…20mA
4…20mA
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8446970000/
176
Voltage supply of
tens. clamp
8446990000
both sides
0…20mA
4…20mA
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540250000/
181
tens. clamp
8540260000
0…20mA
4…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447190000/
181
tens. clamp
8447200000
0…20mA
0…10V
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8447020000/
176
Voltage supply of
tens. clamp
8447030000
both sides
0…20mA
0…10V
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540270000/
178
tens. clamp
8540280000
0…20mA
0…10V
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447220000/
181
tens. clamp
8447230000
4…20mA
0…20mA
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8444980000/
175
Voltage supply of
tens. clamp
8444990000
output side
4…20mA
0…20mA
yes
18…30Vdc
Fixed/10 kHz
17.5
Screw/
8540200000/
179
tens. clamp
8540210000
4…20mA
0…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447250000/
182
tens. clamp
8447260000
4…20mA
4…20mA
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8445010000/
175
Voltage supply of
tens. clamp
8445020000
output side
4…20mA
4…20mA
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540180000/
178
tens. clamp
8540190000
4…20mA
4…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447160000/
182
tens. clamp
8447170000
4…20mA
0…10V
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8445040000/
175
Voltage supply of
tens. clamp
8445050000
output side
4…20mA
0…10V
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540230000/
179
tens. clamp
8540240000
4…20mA
0…10V
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447280000/
182
tens. clamp
8447290000
0…10V
0…20mA
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8447050000/
177
Voltage supply of
tens. clamp
8447080000
both sides
0…10V
0…20mA
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540310000/
180
tens. clamp
8540320000
0…10V
0…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447310000/
183
tens. clamp
8447320000
0…10V
4…20mA
2-way
19.2…28.8V/
Fixed
12.5
Screw/
8447100000/
177
Voltage supply of
tens. clamp
8447110000
both sides
0…10V
4…20mA
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540290000/
180
tens. clamp
8540300000
0…10V
4…20mA
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447340000/
183
tens. clamp
8447350000
0…10V
0…10V
2-way
19.2…28.8Vdc/
Fixed
12.5
Screw/
8447130000/
177
Voltage supply of
tens. clamp
8447140000
both sides
Function
Input
Output
Galvanic
Voltage supply
Setting
Module
Connection
Cat. No.
Page
isolation
width/mm
type
Selection Table
161


Similar Part No. - 1165960000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1165442 PHOENIX-1165442 Datasheet
49Kb / 2P
   Control cabinet - CHARX PS-CAB/4X87.5KW
More results

Similar Description - 1165960000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com