Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1816610000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1816610000
Description  SAI-8-M 5P M12 UT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1816610000 Datasheet(HTML) 1 Page - Weidmuller

  1816610000 Datasheet HTML 1Page - Weidmuller 1816610000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Sensor-Actuator-Interface (SAI) | SAI - passive | M12 distributor | Hood version | SAI-4/6/8-M 5P M12
- 1 -
General ordering data
Order No.
1701251000
Part designation
SAI-8-M 5P M12 UT
Version
Sensor-actuator passive distributor, M12, Hood
version, LED: Yes
EAN
4032248003136
Qty.
2 pc(s).
Dimensions
Length
152 mm
Technical data
Ambient temperature, max.
90 °C
Ambient temperature, min.
-20 °C
Behaviour in fire
V-0
Bus system
without
Cable gland
M 20
Clamping range, max.
1.5 mm²
Clamping range, min.
0.08 mm²
Conductor O.D., max.
12 mm
Conductor O.D., min.
6 mm
Contact carrier material
PBT UL 94 V0
Contact material
CuZn, pre-nickeled, gold-plated
Contact surface
tinned
Contact tube O-ring material
Viton
Contact tube diameter
M12
Current per signal
2 A
Electrical isolation available
Yes
Hood sealing material
Viton
Housing colour
grey, RAL 7032
Housing material
Pocan
Insulation resistance
1 MΩ
LED colour for I/O function
yellow
LED colour for indicating operation
green
LED initiator
Yes
Number of contact sockets
8
Ordering data, title
SAI-4/6/8-M
Plugging cycles
< = 50
Pollution severity
3
Protection class
IP 68
Rated voltage
32 V DC
Sheathing stripping length
100 mm
Smallest strand diameter
0 mm
Test voltage
1 kVeff
Threaded sockets
CuZn, nickel-plated
Total current
10 A
Wiring diagram
max. current-carrying capacity per slot
3 A
max. voltage
30 V DC
min. voltage
10 V
No. of poles
5
Version
Base


Similar Part No. - 1816610000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1816610000 WEIDMULLER-1816610000 Datasheet
56Kb / 2P
   SAI-8-M 5P M12 OL
More results

Similar Description - 1816610000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1740190000 WEIDMULLER-1740190000 Datasheet
56Kb / 2P
   SAI-8-M 5P M12 OL
9457590000 WEIDMULLER-9457590000 Datasheet
56Kb / 3P
   SAI-8-F 5P 5M 0.5/1.0U
9456620000 WEIDMULLER-9456620000 Datasheet
58Kb / 3P
   SAI-6-F 5P PUR 10M
1705923000 WEIDMULLER-1705923000 Datasheet
55Kb / 2P
   SAI-4-MHD-4P M12
logo
ERNI Electronics
324227 ERNI-324227 Datasheet
33Kb / 1P
   M12 8 pin / M12 m 8 pin
logo
HARTING Technology Grou...
21033095503 HARTING-21033095503 Datasheet
1Mb / 3P
   M12-PFT-CRIMP-5P-K-COD-M-0.3
2022-10-25
21033091505 HARTING-21033091505 Datasheet
977Kb / 3P
   M12-PCB-THR-2PC-5P-KCOD-M-STR-SHLD
2022-10-26
21033091505407 HARTING-21033091505407 Datasheet
976Kb / 3P
   M12-PCB-THR-2PC-5P-KCOD-M-STR-SHLD
2022-10-26
21033095504 HARTING-21033095504 Datasheet
1Mb / 3P
   M12-PFT-CRIMP-5P-KCOD-M-0.3 REAR 1,5mm
2022-10-25
21033095502 HARTING-21033095502 Datasheet
1Mb / 3P
   M12-PFT-CRIMP-5P-KCOD-M-0.3 REAR 2,5mm
2022-10-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com