Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC4SD11YWPBF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC4SD11YWPBF
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4SD11YWPBF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC4SD11YWPBF Datasheet HTML 2Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 3Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 4Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 5Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 6Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 7Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 8Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 9Page - Sharp Corporation PC4SD11YWPBF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC4SD11NTZCF
-
MAX.5
MAX.7
Sleeve
50pcs/sleeve
PC4SD11YTZCF
Approved
SMT Gullwing
PC4SD11NXZCF
-
PC4SD11YXZCF
Approved
Wide Through-Hole
PC4SD11NVZCF
-
PC4SD11YVZCF
PC4SD11NTZBF PC4SD11YTZBF PC4SD11NXZBF PC4SD11YXZBF PC4SD11NVZBF PC4SD11YVZBF
Approved
C
B
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
6
Please contact a local SHARP sales representative to inquire about production status.
PC4SD11NTZ Series
Sheet No.: D2-A07801EN
Model Line-up (1) (Lead-free components)
Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC4SD11NTZC
-
MAX.5
MAX.7
Sleeve
50pcs/sleeve
PC4SD11YTZC
Approved
SMT Gullwing
PC4SD11NXZC
-
PC4SD11YXZC
Approved
Wide Through-Hole
PC4SD11NVZC
-
PC4SD11YVZC
PC4SD11NTZB PC4SD11YTZB PC4SD11NXZB PC4SD11YXZB PC4SD11NVZB PC4SD11YVZB
Approved
C
B
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC4SD11NWZC
-
MAX.5
MAX.7
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SD11YWZC
Approved
SMT Gullwing
PC4SD11NXPC
-
PC4SD11YXPC
Approved
Wide SMT Gullwing
PC4SD11NWPC
-
PC4SD11YWPC
PC4SD11NWZB PC4SD11YWZB PC4SD11NXPB PC4SD11YXPB PC4SD11NWPB PC4SD11YWPB
Approved
C
B
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC4SD11NWZCF
-
MAX.5
MAX.7
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SD11YWZCF
Approved
SMT Gullwing
PC4SD11NXPCF
-
PC4SD11YXPCF
Approved
Wide SMT Gullwing
PC4SD11NWPCF
-
PC4SD11YWPCF
PC4SD11NWZBF PC4SD11YWZBF PC4SD11NXPBF PC4SD11YXPBF PC4SD11NWPBF PC4SD11YWPBF
Approved
C
B
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark


Similar Part No. - PC4SD11YWPBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4SD11NTZ SHARP-PC4SD11NTZ Datasheet
327Kb / 16P
   VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC4SD11YWPBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NXZBF SHARP-PC3SD11NXZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZBF SHARP-PC3SF11YVZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD12NXZAF SHARP-PC3SD12NXZAF Datasheet
326Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YTZBF SHARP-PC4SF11YTZBF Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZA SHARP-PC2SD11NTZA Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NXPAF SHARP-PC2SD11NXPAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com