Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR26MF11NIP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PR26MF11NIP
Description  IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR26MF11NIP Datasheet(HTML) 3 Page - Sharp Corporation

  PR26MF11NIP Datasheet HTML 1Page - Sharp Corporation PR26MF11NIP Datasheet HTML 2Page - Sharp Corporation PR26MF11NIP Datasheet HTML 3Page - Sharp Corporation PR26MF11NIP Datasheet HTML 4Page - Sharp Corporation PR26MF11NIP Datasheet HTML 5Page - Sharp Corporation PR26MF11NIP Datasheet HTML 6Page - Sharp Corporation PR26MF11NIP Datasheet HTML 7Page - Sharp Corporation PR26MF11NIP Datasheet HTML 8Page - Sharp Corporation PR26MF11NIP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
■ Outline Dimensions
(Unit : mm)
5. Through-Hole VDE option [ex. PR36MF11YSZF]
6. SMT Gullwing Lead-Form VDE option [ex. PR36MF11YIPF]
PR26MF1xNSZ Series
PR36MF1xNSZ Series
Sheet No.: D4-A00401EN
2.54
±0.25
8
6
5
1.05
±0.2
1.2
±0.3
9.66
±0.5
0.5
±0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62
±0.3
0.26
±0.1
Epoxy resin
R36MF1
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
4
VDE identification mark
8
2.54±
0.25
1.0
+0.4
−0
Epoxy resin
10.0
+0
−0.5
1.0
+0.4
−0
7.62±
0.3
9.66
±0.5
4
1
2
3
1.05
±0.2
1.2
±0.3
6
5
R36MF1
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
4
VDE identification mark
Product mass : approx. 0.54g
Product mass : approx. 0.56g


Similar Part No. - PR26MF11NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF1XNSZ SHARP-PR26MF1XNSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR26MF11NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com