Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3SG11YIZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3SG11YIZ
Description  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SG11YIZ Datasheet(HTML) 2 Page - Sharp Corporation

  PC3SG11YIZ Datasheet HTML 1Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 2Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 3Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 4Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 5Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 6Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 7Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 8Page - Sharp Corporation PC3SG11YIZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
■ Internal Connection Diagram
1
5
3
4
1
2
2
3
4
5
Anode
Cathode
Anode/Cathode
No external connection
Cathode/Anode
2
■ Outline Dimensions
Product mass : approx. 0.09g
(Unit : mm)
5
4
3
1
2
5.3±
0.3
3.6±
0.3
1.27±
0.25
3SG11
0.4±
0.1
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Anode
mark
SHARP
mark
"S"
Epoxy resin
45˚
1.27±
0.25
4
Date code (2 digit)
Factory identification mark
VDE identification mark
Model No.
PC3SG11YIZ Series
Sheet No.: D2-A06801EN
∗Pin
is not allowed external connection
4


Similar Part No. - PC3SG11YIZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
More results

Similar Description - PC3SG11YIZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S3 SHARP-S2S3_04 Datasheet
277Kb / 16P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
   Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S5 SHARP-S2S5 Datasheet
237Kb / 14P
   Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NXZBF SHARP-PC3SD11NXZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com