Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN771VTE-17 Datasheet(PDF) 1 Page - Rohm

Part # RN771VTE-17
Description  PIN diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN771VTE-17 Datasheet(HTML) 1 Page - Rohm

  RN771VTE-17 Datasheet HTML 1Page - Rohm RN771VTE-17 Datasheet HTML 2Page - Rohm RN771VTE-17 Datasheet HTML 3Page - Rohm RN771VTE-17 Datasheet HTML 4Page - Rohm RN771VTE-17 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN771V
Diodes
Rev.A
1/2
PIN diode
RN771V
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
For AGC, Switching.
Features
1) Small mold type. (UMD2)
2) High frequency resistance which is small
and low capacity.
Construction
Structure
Silicon epitaxial planar
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
UMD2
0.9MIN.
4.0±0.1
2.0±0.05
φ1.55±0.05
1.40±0.1
4.0±0.1
φ1.05
0.3±0.1
1.0±0.1
Symbol
Unit
VR
V
IF
mA
Tj
Tstg
Limits
50
50
Parameter
Reverse voltage (DC)
Reverse current (DC)
Junction temperature
Storage temperature
150
-55 to +150
Symbol
Min.
Typ.
Max.
Unit
VF
--
1
V
IF=10mA
IR
--
0.1
µA
VR=50V
Ct
-
-
0.9
pF
VR=35V , f=1MHz
Rf
-
-
7
Ω
IF=10mA,f=100MHz
Conditions
Capacitance between terminals
High frequency resistance
Reverse current
Parameter
Forward voltage
0.3±0.05
0.7±0.2
    0.1
0.1±0.1
    0.05
1.25±0.1
ROHM : UMD2
JEITA : SC-90/A
JEDEC : S0D-323
dot (year week factory)


Similar Part No. - RN771VTE-17

ManufacturerPart #DatasheetDescription
logo
Rohm
RN771V ROHM-RN771V Datasheet
611Kb / 1P
   PIN Diodes for Attenuators
RN771V ROHM-RN771V Datasheet
130Kb / 3P
   PIN diode
RN771V ROHM-RN771V Datasheet
1Mb / 8P
   PIN Diodes
RN771VFH ROHM-RN771VFH Datasheet
1Mb / 8P
   PIN Diodes
RN771V ROHM-RN771V_07 Datasheet
130Kb / 3P
   PIN diode
More results

Similar Description - RN771VTE-17

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com