Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCV236 Datasheet(PDF) 11 Page - THine Electronics, Inc.

Part # THCV236
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV236 Datasheet(HTML) 11 Page - THine Electronics, Inc.

Back Button THCV236 Datasheet HTML 7Page - THine Electronics, Inc. THCV236 Datasheet HTML 8Page - THine Electronics, Inc. THCV236 Datasheet HTML 9Page - THine Electronics, Inc. THCV236 Datasheet HTML 10Page - THine Electronics, Inc. THCV236 Datasheet HTML 11Page - THine Electronics, Inc. THCV236 Datasheet HTML 12Page - THine Electronics, Inc. THCV236 Datasheet HTML 13Page - THine Electronics, Inc. THCV236 Datasheet HTML 14Page - THine Electronics, Inc. THCV236 Datasheet HTML 15Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
11/56
Security E
Spread Spectrum Clock Generator (SSCG)
The THCV231 serial data output and the THCV236 parallel data and clock outputs are modulated by
programmable SSCG. The THCV231 and THCV236 SSCG are enabled by only SSEN register. The modulation
rate and modulation frequency variation of output spread is controlled through the SSCG control registers on
each device. Do not enable spread spectrum for both the THCV231 and THCV236 at the same time.
Table 6. SSCG enable signal
Mode Entry Signal
Description
SSEN(register)
0:SSCG Disable
1:SSCG Enable
When customer use the mode and frequency range shown in Table 7, register setting is required according to
Table 8.
Table 7. Main-Link mode and frequency range requiring register setting
Mode Setting
Freq.Range[MHz]
(SSCG Enable)
Register
Setting
(*2)
MAINMODE
HFSEL
COL1
COL0
min
max
1
0
0
0
26.6
40
Case1
1
0
0
1
26.6
50
Case1
1
0
1
0
33.3
66.6
Case2
1
1
(*1)
(*1)
50
100
Case3
*1 Don’t care
*2 See Table 8
Table 8. SSCG register setting
Step
Register Address(HEX)
Register Value(HEX)
Description
Sub-Link
Master side
Sub-Link
Slave side
Case1
Case2
Case3
THCV231
THCV236
1
0x70
0xF0
0x01
Set 1 to PLL_SET_EN
2
0x76
0xF6
0x02
0x02
0x01
Set PLL_SET0
3
0x78
0xF8
0x3C
0x30
0x20
Set PLL_SET1
4
0x7C
0xFC
0x35
0x34
0x24
Set PLL_SET2
Modulation frequency fmod can be determined by HFSEL and LFSEL settings, input clock frequency and
FMOD register setting (default value 0xD). Refer to following formula.
FMOD
f
f
CLKSSCG
128
mod
fCLKSSCG is the frequency listed in Table 9 and Table 10.


Similar Part No. - THCV236

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
THCV236 CEL-THCV236 Datasheet
1Mb / 68P
   SerDes transmitter and receiver with bi-directional transceiver
logo
THine Electronics, Inc.
THCV236-Q THINE-THCV236-Q Datasheet
1Mb / 58P
   SerDes transmitter and receiver with bi-directional transceiver
logo
California Eastern Labs
THCV236-Q CEL-THCV236-Q Datasheet
1Mb / 68P
   SerDes transmitter and receiver with bi-directional transceiver
More results

Similar Description - THCV236

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV215 THINE-THCV215 Datasheet
176Kb / 3P
   THCV215 is designed to support video data transmission between the host and display.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
   THCV219 is designed to support video data transmission between the host and display.
THCV226 THINE-THCV226_16 Datasheet
570Kb / 27P
   THCV226 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
   THCV217 is designed to support video data transmission between the host and display.
THCV216 THINE-THCV216 Datasheet
176Kb / 3P
   THCV216 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
   THCV218 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
   THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
   THCV220 is designed to support video data transmission between the host and display.
logo
STMicroelectronics
AN2695 STMICROELECTRONICS-AN2695 Datasheet
97Kb / 13P
   Differences between the ST10F276Z5 and its emulator
logo
List of Unclassifed Man...
VL-EPHS-B1 ETC2-VL-EPHS-B1 Datasheet
797Kb / 2P
   The VL-EPHs-B1 is designed to support OEM applications where high reliability and long-term availability are required.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com