Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCV226 Datasheet(PDF) 11 Page - THine Electronics, Inc.

Part # THCV226
Description  THCV226 is designed to support video data transmission between the host and display.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV226 Datasheet(HTML) 11 Page - THine Electronics, Inc.

Back Button THCV226_16 Datasheet HTML 7Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 8Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 9Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 10Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 11Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 12Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 13Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 14Page - THine Electronics, Inc. THCV226_16 Datasheet HTML 15Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
THCV226_Rev.1.10_E
Copyright©2015 THine Electronics, Inc.
THine Electronics, Inc.
Security E
LVDS Output Enable Function
By setting the OE and OPF pins, the following output enable function can be selected.
In output disable condition, all the outputs take low fixed data or High-Z except for HTPDN, LOCKN and
DGLOCK.
LOCKN
OE
OPF
LVDS Outputs
Status
Output Condition
H
1
1
Output Enable
Low Fixed Data
0
Hi-Z
0
1
Output Disable
Low Fixed Data
0
Hi-Z
L
1
1
Output Enable
Normal Data
0
0
1
Output Disable
Low Fixed Data
0
Hi-Z
Table 7. LVDS Output Enable Function
LVDS Data Mapping
LVDS data (video data, control data, DE) are mapped as Figure 9. RLC[6] is special bit for DE (data enable).
RLC[5:4] are for control data bits, and the other bits are for video data. Also there are special assigned bits,
‘CTL’ transmitted under DE=0 condition.
The number of LVDS channels depends on color depth mode, COL.
RLD[6] is not available at COL=0, 8-bit color depth mode.
Vdiff = 0
RLAzp/n
(RLCLKzp) – (RLCLKzn)
Figure 9. LVDS Output Switching Timing Diagram
RLBzp/n
RLCzp/n
RLDzp/n
RLEzp/n
RLAz[0]
tRCOP
Previous cycle
Current cycle
Next cycle
z = 0,1,2,3
RLAz[1]
RLAz[2]
RLAz[3]
RLAz[4]
RLAz[5]
RLAz[6]
RLAz[0]
RLAz[1]
RLAz[2]
RLAz[3]
RLAz[4]
RLAz[5]
RLAz[6]
RLAz[0]
RLAz[1]
RLBz[0]
RLBz[1]
RLBz[2]
RLBz[3]
RLBz[4]
RLBz[5]
RLBz[6]
RLBz[0]
RLBz[1]
RLBz[2]
RLBz[3]
RLBz[4]
RLBz[5]
RLBz[6]
RLBz[0]
RLBz[1]
RLCz[0]
RLCz[1]
RLCz[2]
RLCz[3]
RLCz[4]
(H)
RLCz[5]
(V)
RLCz[6]
(DE)
RLCz[0]
RLCz[1]
RLCz[2]
RLCz[3]
RLCz[4]
(H)
RLCz[5]
(V)
RLCz[6]
(DE)
RLCz[0]
RLCz[1]
RLDz[0]
RLDz[1]
RLDz[2]
RLDz[3]
RLDz[4]
RLDz[5]
RLDz[6]
RLDz[0]
RLDz[1]
RLDz[2]
RLDz[3]
RLDz[4]
RLDz[5]
RLDz[6]
RLDz[0]
RLDz[1]
RLEz[0]
RLEz[1]
RLEz[2]
RLEz[3]
RLEz[4]
RLEz[5]
RLEz[6]
RLEz[0]
RLEz[1]
RLEz[2]
RLEz[3]
RLEz[4]
RLEz[5]
RLEz[6]
RLEz[0]
RLEz[1]
Data Enable
Control Data Bits
Data width
32 24
11/27


Similar Part No. - THCV226_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
   V-by-One HS High-speed Video Data Receiver
More results

Similar Description - THCV226_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV215 THINE-THCV215 Datasheet
176Kb / 3P
   THCV215 is designed to support video data transmission between the host and display.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
   THCV219 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
   THCV217 is designed to support video data transmission between the host and display.
THCV216 THINE-THCV216 Datasheet
176Kb / 3P
   THCV216 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
   THCV218 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
   THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
   THCV220 is designed to support video data transmission between the host and display.
THCV231 THINE-THCV231_16 Datasheet
1Mb / 56P
   The THCV231 and THCV236 are designed to support video data transmission between the host and display.
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
   Designed to Support Data Rate up to 120kbps
logo
Nel Frequency Controls,...
HS-169 NEL-HS-169_10 Datasheet
58Kb / 2P
   crystal oscillator is designed to support the TachyonTM clocking requirements at 26.5625MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com