Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCV215 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCV215
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV215 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCV215_16 Datasheet HTML 2Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 3Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 4Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 5Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 6Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 7Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 8Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 9Page - THine Electronics, Inc. THCV215_16 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
DE
VSYNCn
HSYNCn
Rn/Gn/Bn
CONTn
tDEH
tDEL
1 cycle
Valid Data
Valid Data
Low
Low
Valid Data
Low
High
Keep the last data
of DE=L period
THCV216
Output
Low
DE
VSYNC
HSYNC
Rn/Gn/Bn
CONTn
tDEH
tDEL
1 cycle
Valid Data
Valid Data
Invalid
Invalid
Valid Data
Low
High
Invalid
THCV215
Input
Low
n=0,1
n=0,1
Figure 3. Video and sync data transmission timing diagram
Single/Dual Link mode function (SDSEL)
SDSEL
Mode
Function
H
Single
Channel 0 active and channel 1 power down
L
Dual
Both channel 0 and channel 1 active
Table 1. Single/Dual mode select
Color Depth mode function (COL [1:0])
COL[1:0]
Color Depth
LVDS Clock Frequency Range
L,L
6bit
20MHz to 100MHz
L,H
8bit
20MHz to 100MHz
H,L
10bit
20MHz to 85MHz
H,H
12bit
20MHz to 75MHz
Table 2. Color depth mode select
6/26


Similar Part No. - THCV215_16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
THCV215-4LANE CEL-THCV215-4LANE Datasheet
1Mb / 16P
   SerDes transmitter and receiver evaluation board
More results

Similar Description - THCV215_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV233 THINE-THCV233_16 Datasheet
586Kb / 34P
   V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
   V-by-One HS High-speed Video Data Transmitter and Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
   V-by-One HS High-speed video data transmitter and receiver
THCV217 THINE-THCV217_17 Datasheet
529Kb / 34P
   by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_17 Datasheet
376Kb / 17P
   V-by-One HS High-speed video data transmitter
THCV219 THINE-THCV219_16 Datasheet
385Kb / 18P
   V-by-One HS High-speed Video Data Transmitter
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
   V-by-One HS High-speed video data receiver
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
   V-by-One HS High-speed Video Data Receiver
THCV234 THINE-THCV234 Datasheet
225Kb / 2P
   THCV234 is V-by-One짰 HS High-speed video data receiver with bi-directional transceiver.
logo
California Eastern Labs
THEVA226-8LANE CEL-THEVA226-8LANE Datasheet
739Kb / 11P
   V-by-One HS receiver evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com