Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-SG-03-0.4 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # TS-SG-03-0.4
Description  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

TS-SG-03-0.4 Datasheet(HTML) 1 Page - Ironwood Electronics.

  TS-SG-03-0.4 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.10
FRONT VIEW
Laser Mark
M6 screw
Ordering Information
To be used with swivel lid sockets.
Compression screw needs to be turned clockwise
up to the point where the arrow on top of the
compression screw aligns with laser mark on the
compression screw bottom.
18.60
TOP VIEW
ISO VIEW
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
Note: Torque indicating
screw requires calibration
at Ironwood to a specific
toque value.
Order by part # to obtain
the appropriate screw with
the correct torque value for
your application
Doc
Rev
Date
Initials Description
A
5/27/08
VP
Original
B
8/10/09
VP
Added table to include additional
part numbers
C
9/21/12
ELS
VW to SW conversion
D
1/21/14
ELS
Added TS-SG-03-0.3 and TS-SG-
03-0.4 to the table
Part Number
Torque (in. lb)
TS-SG-03-03
0.3
TS-SG-03-0.4
0.4
TS-SG-03-0.5
0.5
TS-SG-03-0.75
0.75
TS-SG-03-1.0
1.0
TS-SG-03-1.25
1.25
TS-SG-03-1.5
1.5
TS-SG-03-1.75
1.75
TS-SG-03-2.0
2.0
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0254mm [±0.001"],
substrate thickness tolerance ±10%, all other tolerances ±0.127mm [±0.005"]
unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Torque indicating compression screw, M6 thread
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. D
DATE: 9/21/12
Material: N/A
Finish: N/A
Weight: 8.36
TS-SG-03-x.x Specification
SCALE: 3:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: TS-SG-03-x.x
DRAWN BY: E. Smolentseva


Similar Part No. - TS-SG-03-0.4

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TS-SG-01-10.0 IRONWOOD-TS-SG-01-10.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-01-3.0 IRONWOOD-TS-SG-01-3.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-01-3.5 IRONWOOD-TS-SG-01-3.5 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-01-4.0 IRONWOOD-TS-SG-01-4.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-01-4.5 IRONWOOD-TS-SG-01-4.5 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
More results

Similar Description - TS-SG-03-0.4

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com