Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-BGA676C-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SS-BGA676C-01
Description  Compression plate distributes evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA676C-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-BGA676C-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA676C-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA676C-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA676C-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale: 3:1
Rev: B
Date: 4/26/04
Modified: 1/21/05
File: SS-BGA676C-01 Dwg
SS-BGA676C-01 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
DXF DATA WILL BE PROVIDED
Datum
Socket Size
Orientation Mark
32.225mm±0.125mm
1.00mm typ.
Mounting Hole
Ø 1.61mm±0.05mm(x4)
29.725mm Sqr.
Ø 0.850mm-
0.000mm
0.025mm
(x2)
Ø 0.51mmPAD
32.600mm±0.125mm
2.72mm
5.08mm
6.33mm±0.13mm
7.58mm±0.13mm
22.105mm
34.725mm±0.125mm Sqr.
2.50mm±0.13mm
1.25mm±0.13mm
2.74mm*
Backing Plate Size
25.00mm(x2)


Similar Part No. - SS-BGA676C-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA676C-02 IRONWOOD-SS-BGA676C-02 Datasheet
152Kb / 4P
   Compression plate distributes forces evenly
SS-BGA676C-03 IRONWOOD-SS-BGA676C-03 Datasheet
171Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SS-BGA676C-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
SS-LGA376A-01 IRONWOOD-SS-LGA376A-01 Datasheet
200Kb / 5P
   Compression plate distributes evenly
SS-BGA672B-02 IRONWOOD-SS-BGA672B-02 Datasheet
370Kb / 4P
   Compression plate distributes evenly
SS-BGA772A-01 IRONWOOD-SS-BGA772A-01 Datasheet
287Kb / 5P
   Compression plate distributes evenly
SS-BGA680C-01 IRONWOOD-SS-BGA680C-01 Datasheet
143Kb / 4P
   Compression plate distributes evenly
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
SS-QFN104A-01 IRONWOOD-SS-QFN104A-01 Datasheet
133Kb / 4P
   Compression plate distributes evenly
SS-QFN48J-01 IRONWOOD-SS-QFN48J-01 Datasheet
69Kb / 3P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-LGA324A-M-01 IRONWOOD-SS-LGA324A-M-01 Datasheet
128Kb / 3P
   Compression plate distributes evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com