Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS31A153DA100 Datasheet(PDF) 9 Page - Kemet Corporation

Part # ALS31A153DA100
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS31A153DA100 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button ALS31A153DA100 Datasheet HTML 5Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 6Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 7Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 8Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 9Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 10Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 11Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 12Page - Kemet Corporation ALS31A153DA100 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4031_ALS30_31 • 8/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
Table 1 – Ratings & Part Number Reference cont'd
(1) Mounting Code: 0 = plain can, 1 = threaded mounting stud
(2) Termination Code: See Termination Tables for available options
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
85°C (A)
10 kHz
85°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
400
220
DA
36 x 52
2.1
4.4
570
387
ALS3(1)(2)221DA400
400
330
DB
36 x 62
2.7
5.5
382
260
ALS3(1)(2)331DB400
400
470
DE
36 x 82
3.5
7.1
267
182
ALS3(1)(2)471DE400
400
680
DF
36 x 105
4.4
8.8
185
126
ALS3(1)(2)681DF400
400
1000
KE
51 x 82
5.8
10.3
139
98
ALS3(1)(2)102KE400
400
1500
KF
51 x 105
7.8
13.1
92
65
ALS3(1)(2)152KF400
400
1500
ND
77 x 75
8.3
14.7
97
70
ALS3(1)(2)152ND400
400
2200
KF
51 x 105
8.4
13.5
78
56
ALS3(1)(2)222KF400
400
2200
MF
66 x 105
11.2
18.8
62
44
ALS3(1)(2)222MF400
400
2200
QD
90 x 75
10.7
18.9
69
50
ALS3(1)(2)222QD400
400
3300
LF
63.5 X 105
11.81
20.54
54
36
ALS3(1)(2)332LF400
400
3300
QC
90 x 67
11.7
17.1
53
38
ALS3(1)(2)332QC400
400
3300
NF
77 x 105
13.4
21.3
49
36
ALS3(1)(2)332NF400
400
3300
QH
90 x 98
14.9
25.3
45
32
ALS3(1)(2)332QH400
400
3900
MJ
66 x 115
12.98
21.02
50
35
ALS3(1)(2)392MJ400
400
4700
NF
77 x 105
14.6
20.9
38
26
ALS3(1)(2)472NF400
400
4700
QH
90 x 98
17.1
25.4
36
26
ALS3(1)(2)472QH400
400
4700
NJ
77 X 115
15.25
23.20
38
26
ALS3(1)(2)472NJ400
400
4700
NP
77 x 146
18
26
33
24
ALS3(1)(2)472NP400
400
6800
NP
77 x 146
19.5
26.9
27
20
ALS3(1)(2)682NP400
400
6800
QP
90 x 146
23.2
32.9
24
17
ALS3(1)(2)682QP400
400
6800
NT
77 x 220
29
40.7
22
15
ALS3(1)(2)682NT400
400
10000
NT
77 X 220
31.50
42.00
19
14
ALS3(1)(2)103NT400
400
10000
QT
90 x 220
35.7
49.4
17
12
ALS3(1)(2)103QT400
415
220
DA
36 x 52
2.1
4.4
555
368
ALS3(1)(2)221DA415
415
330
DB
36 x 62
2.7
5.6
372
247
ALS3(1)(2)331DB415
415
470
DE
36 x 82
3.5
7.2
261
173
ALS3(1)(2)471DE415
415
680
DF
36 x 105
4.5
9
180
120
ALS3(1)(2)681DF415
415
1000
KE
51 x 82
5.7
10.4
136
94
ALS3(1)(2)102KE415
415
1500
KF
51 x 105
7.6
13.1
90
62
ALS3(1)(2)152KF415
415
1500
ND
77 x 75
8.1
14.7
96
68
ALS3(1)(2)152ND415
415
2200
MF
66 x 105
11
18.9
61
42
ALS3(1)(2)222MF415
415
2200
QC
90 x 67
10.5
17.5
71
49
ALS3(1)(2)222QC415
415
2200
QD
90 x 75
11.1
18.9
68
49
ALS3(1)(2)222QD415
415
3300
NF
77 x 105
13.4
21.3
48
36
ALS3(1)(2)332NF415
415
3300
QH
90 x 98
14.6
25.3
45
32
ALS3(1)(2)332QH415
415
4700
NP
77 x 146
17.6
25.9
33
24
ALS3(1)(2)472NP415
415
6800
QP
90 x 146
22.7
32.8
23
17
ALS3(1)(2)682QP415
415
6800
NT
77 x 220
28.5
40.1
21
15
ALS3(1)(2)682NT415
415
10000
QT
90 x 220
35.2
48.7
17
12
ALS3(1)(2)103QT415
450
150
DA
36 x 52
1.8
4.1
735
485
ALS3(1)(2)151DA450
450
220
DB
36 x 62
2.4
5.1
502
332
ALS3(1)(2)221DB450
450
330
DE
36 x 82
3.1
6.7
335
221
ALS3(1)(2)331DE450
450
470
DF
36 x 105
4
8.4
235
155
ALS3(1)(2)471DF450
450
680
KE
51 x 82
4.9
9.9
175
117
ALS3(1)(2)681KE450
450
1000
KF
51 x 105
6.5
12.6
118
79
ALS3(1)(2)102KF450
450
1500
ND
77 x 75
8.7
14.9
95
65
ALS3(1)(2)152ND450
450
1500
MF
66 x 105
9.5
17.4
81
52
ALS3(1)(2)152MF450
450
2200
QC
90 x 67
9.6
15.4
74
46
ALS3(1)(2)222QC450
450
2200
QD
90 x 75
11.5
19
67
47
ALS3(1)(2)222QD450
450
2200
MF
66 x 105
11.1
19.3
67
47
ALS3(1)(2)222MF450
450
2200
NF
77 x 105
12.2
21.1
59
41
ALS3(1)(2)222NF450
450
3300
QD
90 x 75
12.6
17.9
53
33
ALS3(1)(2)332QD450
450
3300
NF
77 x 105
13.8
21.2
40
30
ALS3(1)(2)332NF450
450
3300
QH
90 x 98
15.6
25.5
44
30
ALS3(1)(2)332QH450
450
4700
NJ
77 X 115
14.93
22.76
30
20
ALS3(1)(2)472NJ450
450
3300
NP
77 x 146
16.1
25.1
39
27
ALS3(1)(2)332NP450
450
4700
NP
77 x 146
17.1
25.2
36
26
ALS3(1)(2)472NP450
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number


Similar Part No. - ALS31A153DA100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A102KF450 KEMET-ALS31A102KF450 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 1000 uF, 20%, 450 V, -40/85C
ALS31A103DA040 KEMET-ALS31A103DA040 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 0.01 F, 20%, 40 V, -40/85C
ALS31A103DE063 KEMET-ALS31A103DE063 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 63 V, -40/85C
ALS31A103KE100 KEMET-ALS31A103KE100 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 100 V, -40/85C
ALS31A103NF200 KEMET-ALS31A103NF200 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 200 V, -40/85C
More results

Similar Description - ALS31A153DA100

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com