Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61107PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61107PW
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61107PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS61107PW Datasheet HTML 1Page - Texas Instruments TPS61107PW Datasheet HTML 2Page - Texas Instruments TPS61107PW Datasheet HTML 3Page - Texas Instruments TPS61107PW Datasheet HTML 4Page - Texas Instruments TPS61107PW Datasheet HTML 5Page - Texas Instruments TPS61107PW Datasheet HTML 6Page - Texas Instruments TPS61107PW Datasheet HTML 7Page - Texas Instruments TPS61107PW Datasheet HTML 8Page - Texas Instruments TPS61107PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VBAT
LBI
ENPB
EN
ADEN
LDOSENSE
LDOEN
LDOIN
LDOOUT
GND
FB
VOUT
SKIPEN
NC
SWN
PGOOD
SWN
LBO2
LBO1
PGND
PW PACKAGE
(TOP VIEW)
EN
ADEN
LDOIN
LDOEN
LDOSENSE
SWN
PGOOD
SWN
SKIPEN
TPS6110X
NC
SWN
SWN
RGE PACKAGE
(TOP VIEW)
NC – No internal connection
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW
RGE
ADEN
5
3
I
Auto discharge enable (1/VBAT enabled, 0/GND disabled)
EN
4
2
I
Boost-enable input. (1/VBAT enabled, 0/GND disabled)
ENPB
3
24
I
Boost-enable input (pushbutton). (0/GND enabled. 1/VBAT disabled)
FB
20
21
I
Boost-voltage feedback of adjustable versions
GND
10
8
I/O
Control/logic ground
LBI
2
23
I
Low battery comparator input (comparator enabled with EN)
LBO1
12
11
O
Low battery comparator output 1 (open drain)
LBO2
13
12
O
Low battery comparator output 2 (open drain)
LDOEN
7
5
I
LDO-enable input (1/VBAT enabled, 0/GND disabled)
LDOOUT
9
7
O
LDO output
LDOIN
8
6
I
LDO input
LDOSENSE
6
4
I
LDO feedback for voltage adjustment, must be connected to LDOOUT at fixed output voltage
versions
NC
17
1
No connection
PGND
11
9, 10
I/O
Power ground
PGOOD
15
15
O
Boost output power good (1 : good, 0 : failure) (open drain)
SKIPEN
18
18
I
Enable/disable Power save mode (1: VBAT enabled, 0: GND disabled)
SWN
14, 16
13, 14,
I
Boost switch input
16, 17
VBAT
1
22
I
Supply pin
VOUT
19
19, 20
O
Boost output
4


Similar Part No. - TPS61107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61107PW TI1-TPS61107PW Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWG4 TI1-TPS61107PWG4 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWR TI1-TPS61107PWR Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com