Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS64202DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64202DBVR
Description  SOT23 STEP DOWN CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64202DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS64202DBVR Datasheet HTML 1Page - Texas Instruments TPS64202DBVR Datasheet HTML 2Page - Texas Instruments TPS64202DBVR Datasheet HTML 3Page - Texas Instruments TPS64202DBVR Datasheet HTML 4Page - Texas Instruments TPS64202DBVR Datasheet HTML 5Page - Texas Instruments TPS64202DBVR Datasheet HTML 6Page - Texas Instruments TPS64202DBVR Datasheet HTML 7Page - Texas Instruments TPS64202DBVR Datasheet HTML 8Page - Texas Instruments TPS64202DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
5
TYPICAL CHARACTERISTICS
All graphs were generated using the circuit as shown unless otherwise noted. For output voltages other than
3.3 V, the output voltage divider was changed accordingly. Graphs for the TPS64203 were taken using the
application circuit shown in Figure 25.
SW
CDRH 103R−100
Si5447DC
MBRM120LT3
EN
GND
FB
VIN
ISENSE
VI
CI
10
µF
X7R
TPS6420x
R(ISENSE) = 33 mΩ
R1
620 k
R2
360 k
Cff
4.7 pF
Co
47
µF PosCap
6TPA47M
VO
1
2
3
6
5
4
10
µH
Figure 1. Basic Application Circuit For a 2-A Step-Down Converter
TABLE OF GRAPHS
FIGURE
η
Efficiency
vs Load current
2 − 5
Output voltage
vs Output current
6 − 9
Switching frequency
vs Output current
10 − 13
Operating quiescent current
vs Input voltage
14
Output voltage ripple
15
Line transient response
Using circuit according to Figure 1
16
Load transient response
Using circuit according to Figure 1
17
Start-up timing
Using circuit according to Figure 1
18


Similar Part No. - TPS64202DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64202DBVR TI-TPS64202DBVR Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
TPS64202DBVRG4 TI-TPS64202DBVRG4 Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
More results

Similar Description - TPS64202DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64202DBVT TI-TPS64202DBVT Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
TPS64200 TI-TPS64200_15 Datasheet
867Kb / 29P
[Old version datasheet]   SOT23 STEP-COWN CONTROLLER
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com