Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F347YWAPQC-GSE2 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB96F347YWAPQC-GSE2
Description  16-bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F347YWAPQC-GSE2 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB96F347YWAPQC-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 10Page - Fujitsu Component Limited. MB96F347YWAPQC-GSE2 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
Specification
MB96340
FME/EMDC- 2007-9-12
MB96340_DS_lineup.fm
7
s PRODUCT LINEUP
Features
MB96V300
MB9634x
Product type
Evaluation sample
Flash product: MB96F34x
Mask ROM product: MB9634x
Product options
YS
NA
LVD persistently on / Single clock devices
RS
LVD can be disabled / Single clock devices
YW
LVD persistently on / Dual clock devices
RW
LVD can be disabled / Dual clock devices
TS
Satellite Flash / LVD persistently on / Single clock devices
HS
Satellite Flash / LVD can be disabled / Single clock devices
TW
Satellite Flash / LVD persistently on / Dual clock devices
HW
Satellite Flash / LVD can be disabled / Dual clock devices
AS
No CAN / No Satellite Flash / LVD persistently on / Single clock
devices
CS
No CAN / /Satellite Flash / LVD can be disabled / Single clock
devices
AW
No CAN / No Satellite Flash / LVD persistently on / Dual clock
devices
CW
No CAN / Satellite Flash / LVD can be disabled / Dual clock devices
Flash/
ROM
RAM
128kB
6kB
ROM/Flash memory emulation
by external RAM,
92kB internal RAM
MB96344R, MB96344Y
288kB
16kB
MB96F346R, MB96346R, MB96F346Y, MB96346Y, MB96F346A
416kB
16kB
MB96F347R, MB96347R, MB96F347Y, MB96347Y, MB96F347A
544kB
24kB
MB96F348R, MB96F348Y, MB96F348A
Main:
544kB,
Sat.:
32kB
24kB
MB96F348C,
MB96F348H, MB96F348T
Package
BGA416
FPT-100P-M20
FPT-100P-M22
DMA
16 channels
6 channels
USART
10 channels
7 channels
MB96F348 TSA/HSA/TWA/HWA: 4 channels
I2C
2 channels
2 channel
A/D Converter
40 channels
24 channels


Similar Part No. - MB96F347YWAPQC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F347YWAPQC-GE2 FUJITSU-MB96F347YWAPQC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F347YWAPQC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com