Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F348HSBPMC-GSE2 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB96F348HSBPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F348HSBPMC-GSE2 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB96F348HSBPMC-GSE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F348HSBPMC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Specification
MB96340
FME/EMDC- 2007-9-12
MB96300_DS_features.fm
3
s FEATURES
Feature
Description
Technology
0.18
µm CMOS
CPU
• F2MC-16FX CPU
Up to 56 MHz internal, 17.8 ns instruction cycle time
Optimized instruction set for controller applications (bit, byte, word and long-word
data types; 23 different addressing modes; barrel shift; variety of pointers)
8-byte instruction execution queue
Signed multiply (16-bit
× 16-bit) and divide (32-bit/16-bit) instructions available
System clock
On-chip PLL clock multiplier (x1..25, x1 when PLL stop)
3-16 MHz external quartz clock, up to 4MHz external clock
32-100 kHz subsystem quartz clock
100kHz/2MHz internal RC clock for quick and save startup, oscillator stop detection,
watchdog
Clock source selectable from main- and subclock oscillator (partnumber suffix “W”)
on-chip RC oscillator, independently for CPU and 2 clock domains of peripherals.
Low Power Consumption - 13 operating modes : (different Run, Sleep, Timer modes,
Stop mode)
Clock modulator
On-chip voltage regula-
tor
Internal voltage regulator supports reduced internal MCU voltage, offering low EMI
and low power consumption figures
Low voltage reset
Reset is generated when supply voltage is below minimum.
Code Security
Protects ROM content from unintended read-out
Memory Patch Function
Replaces ROM content
Can also be used to implement embedded debug support
DMA
Automatic transfer function independent of CPU, can be assigned freely to resources
Interrupts
Fast Interrupt processing
8 programmable priority levels
Non-Maskable Interrupt (NMI)
Timers
Two independent clock timers (23-bit RC clock timer, 23-bit Main clock timer, 17-bit
Sub clock timer)
Watchdog Timer


Similar Part No. - MB96F348HSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F348HSB FUJITSU-MB96F348HSB Datasheet
3Mb / 130P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F348HSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com