Part Name
         Description
TPS65013

 POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS ( 52 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65013
SLVS517 – AUGUST 2004
MIN
NOM
MAX
UNIT
V(AC)
Supply voltage from ac adapter
4.5
5.5
V
V(USB)
Supply voltage from USB
4.4
5.25
V
V(BAT)
Voltage at charger output/battery
2.5
4.2
V
VI(MAIN),VI(CORE),VCC
Input voltage range step-down converters
2.5
6.0
V
VI(LDO1), VI(LDO2)
Input voltage range for LDOs
1.8
6.5
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
Resistor from VI(main),VI(core) to VCC used for
R(CC)
10
100
filtering, CI(VCC) = 1 µF
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C < T
A < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Control Signals: LOW_PWR, SCLK, SDAT (Input)
VIH
High-level input voltage
IIH = 20 µA
(1)
1.2
VCC
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.4
V
IIB
Input bias current
0.01
1.0
µA
Control Signals: PB_ONOFF, HOT_RESET, BATT_COVER
VIH
High-level input voltage
IIH = 20 µA
(1)
0.8 VCC
6
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.4
V
R(pb_onoff)
Pulldown resistor at PB_ONOFF
1000
k
R(hot_reset)
Pullup resistor at HOT_RESET,
1000
k
connected to VCC
R(batt_cover)
Pulldown resistor at BATT_COVER
2000
k
t(glitch)
De-glitch time at all 3 pins
38
56
77
ms
t(batt_cover)
Delay after t(glitch) (PWRFAIL goes low)
1.68
2.4
3.2
ms
before supplies are disabled when
BATT_COVER goes low.
CONTROL SIGNALS: MPU_RESET, PWRFAIL, RESPWRON, INT, SDAT (output)
VOH
High-level output voltage
6
V
VOL
Low-level output voltage
IIL = 10 mA
0
0.3
V
td(mpu_nreset)
Duration of low pulse at MPU_RESET
100
µs
td(nrespwron)
Duration of low pulse at RESPWRON
TPOR = 0
80
100
120
ms
after VMAIN is in regulation
TPOR = 1
800
1000
1200
td(uvlo)
Time between UVLO going active
1.68
2.4
3.2
ms
(PWRFAIL going low) and supplies be-
ing disabled
td(overtemp)
Time between chip overtemperature
1.68
2.4
3.2
ms
condition being recognized (PWRFAIL
going low) and supplies being disabled
SUPPLY PIN: VCC
I(Q)
Operating quiescent current
VI = 3.6 V, current into Main + Core + VCC
70
µA
IO(SD)
Shutdown supply current
VI = 3.6 V, BATT_COVER = GND,
15
25
µA
current into Main + Core + VCC
VMAIN STEP-DOWN CONVERTER
VI
Input voltage range
2.5
6.0
V
IO
Maximum output current
1000
mA
IO(SD)
Shutdown supply current
BATT_COVER = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
210
m
Ilkg(p)
P-channel leakage current
V(DS) = 6 V
1
µA
(1)
If the input voltage is higher than VCC, an additional input current, limited by an internal 10-kΩ resister, flows.
3



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS65011POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65014POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65012POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65010POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65020POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65023POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65021POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
PCF50603Controller for power supply and battery management 1 2 3 4 5 MoreNXP Semiconductors
IMIC9714100 MHz Clock Generator with SSCG and Power Management for Mobile Application 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl