Part Name
         Description
TPS65013

 POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS ( 52 Page)


TI
100% 
Zoom Out Zoom In
 
 2 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
(1)
TPS65013
SLVS517 – AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The serial interface can be used for dynamic voltage scaling, for collecting information on and controlling the
battery charger status, for optionally controlling 2 LED driver outputs, a vibrator driver, masking interrupts, or for
disabling/enabling and setting the LDO output voltages. The interface is compatible with the fast/standard mode
I2C™ specification allowing transfers at up to 400 kHz.
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER(1)
-40
°C to 85°C
7 mm
× 7 mm, 48-pin QFN
TPS65013RGZ
(1)
The RGZ package is available in tape and reel. Add R suffix (TPS65013RGZR) to order quantities of
2500 parts per reel. Add T suffix (TPS65013RGZT) to order quantities of 250 parts per reel.
over operating free-air temperature range unless otherwise noted(1)
UNIT
Input voltage on VAC pin with respect to AGND
20 V
Input voltage range on all other pins except AGND/PGND pins with respect to AGND
-0.3 V to 7 V
HBM and CDM capabilities at pins VIB, PG, and LED2
1 kV
Current at AC, VBAT, VINMAIN, L1, PGND1
1800 mA
Peak current at all other pins
1000 mA
Continuous power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
-40
°C to 85°C
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AMBIENT
MAX POWER DISSIPATION
DERATING FACTOR
TEMPERATURE
FOR Tj= 125°C
(2)
ABOVE TA= 55°C
25
°C
3 W
30 mW/
°C
55
°C
2.1 W
(1)
The TPS65013 is housed in a 48-pin QFN package with exposed leadframe on the underside. This 7
mm
× 7 mm package exhibits a thermal impedance (junction-to-ambient) of 33 K/W when mounted
on a JEDEC high-k board.
(2)
Consideration needs to be given to the maximum charge current when the assembled application
board exhibits a thermal impedance which differs significantly from the JEDEC high-k board.
2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS65011POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65014POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65012POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65010POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65020POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65023POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65021POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
PCF50603Controller for power supply and battery management 1 2 3 4 5 MoreNXP Semiconductors
IMIC9714100 MHz Clock Generator with SSCG and Power Management for Mobile Application 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl