Part Name
         Description
TPS65013

 POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS ( 52 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
www.ti.com
TPS65013
SLVS517 – AUGUST 2004
ELECTRICAL CHARACTERISTICS (continued)
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C < T
A < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(CORE) = 2.5 V to 6 V;
0%
3%
IO= 0 mA, CO = 22 µF
0.85 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA, CO = 22 µF
VI(CORE) = 2.5 V to 6 V;
0%
3%
IO = 0 mA, CO = 22 µF
1.05 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA, CO = 22 µF
VI(CORE) = 2.5 V to 6 V;
0%
3%
IO= 0 mA, CO = 22 µF
1.1 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA, CO = 22 µF
VI(CORE) = 2.5 V to 6 V; IO = 0 mA
0%
3%
1.2 V
VO(CORE)
Fixed output voltage
VI(CORE) = 2.5 V to 6 V; 0 mA ≤ IO ≤ 400 mA
3%
3%
VI(CORE) = 2.5 V to 6 V; IO = 0 mA
0%
3%
1.3 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA
VI(CORE) = 2.5 V to 6 V; IO = 0 mA
0%
3%
1.4 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA
VI(CORE) = 2.5 V to 6 V; IO = 0 mA
0%
3%
1.5 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA
VI(CORE) = 2.5 V to 6 V; IO = 0 mA
0%
3%
1.6 V
VI(CORE) = 2.5 V to 6 V;
3%
3%
0 mA
≤ I
O ≤ 400 mA
VI(CORE) = VO(MAIN) + 0.5 V
Line regulation
1
%/V
(min. 2.5 V) to 6 V, IO = 10 mA
Load regulation
IO = 10 mA to 400 mA
0.002
%/mA
R(VCORE)
VCORE discharge resistance
400
VLDO1 and VLDO2 LOW-DROPOUT REGULATORS
LD01
1.8
6.5
VI
Input voltage range
V
LD02
1.8
VCC
VO
LDO1 output voltage range
0.9
VINLDO1
V
Vref
Reference voltage
485
500
515
mV
VO
LDO2 output voltage range
1.8
3.0
V
Full-power mode
200
IO
Maximum output current
mA
Low-power mode
30
I(SC)
LDO1 & LDO2 short-circuit current limit
VLDO1 = GND, VLDO2 = GND
650
mA
Dropout voltage
IO = 200 mA, VINLDO1,2 = 1.8 V
300
mV
Total accuracy
±3%
VINLDO1,2 = VLDO1,2 + 0.5 V
Line regulation
0.75
%/V
(min. 2.5 V) to 6.5 V, IO = 10 mA
Load regulation
IO = 10 mA to 200 mA
0.011
%/mA
Load change from 10% to 90%
0.1
Regulation time
ms
Low-power mode
0.1
I(QFP)
LDO quiescent current (each LDO)
Full-power mode
16
30
µA
I(QLPM)
LDO quiescent current (each LDO)
Low-power mode
12
18
µA
IO(SD)
LDO shutdown current (each LDO)
0.1
1
µA
Ilkg(FB)
Leakage current feedback
0.01
0.1
µA
5



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS65011POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65014POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65012POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65010POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65020POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65023POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65021POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
PCF50603Controller for power supply and battery management 1 2 3 4 5 MoreNXP Semiconductors
IMIC9714100 MHz Clock Generator with SSCG and Power Management for Mobile Application 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl