Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPT-64P-M24 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FPT-64P-M24
Description  F2MC-8FX MB95160MA Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FPT-64P-M24 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FPT-64P-M24 Datasheet HTML 2Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 3Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 4Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 5Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 6Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 7Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 8Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 9Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MB95160MA Series
6
DS07–12624–3E
■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS
• Notes on Using Evaluation Products
The evaluation product has not only the functions of the MB95160MA series but also those of other products
to support software development for multiple series and models of the F2MC-8FX family. The I/O addresses
for peripheral resources not used by the MB95160MA series are therefore access-barred. Read/write access
to these access-barred addresses may cause peripheral resources supposed to be unused to operate,
resulting in unexpected malfunctions of hardware or software.
Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access
are used, the address may be read or written unexpectedly).
Also, as the read values of prohibited addresses on the evaluation product are different to the values on the
Flash memory products or Mask ROM products, do not use these values in the program.
The functions corresponding to certain bits in single-byte registers may not be supported depending on the
type of Flash memory products and Mask ROM products. However, reading or writing to these bits will not
cause malfunction of the hardware. Also, the products with either evaluation, Flash memory or Mask ROM
are designed to have the same operation in software and hardware.
• Difference of Memory Spaces
If the amount of memory on the evaluation product is different from that of the Flash memory and Mask ROM
products, carefully check the difference in the amount of memory from the model to be actually used when
developing software.
For details of memory space, refer to “
■ CPU CORE”.
• Current Consumption
Current in Flash memory products is consumed more than Mask ROM products.
For details of current consumption, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Package
For details of information on each package, refer to “
■ PACKAGES AND CORRESPONDING PRODUCTS”
and “
■ PACKAGE DIMENSIONS”.
• Operating voltage
The operating voltage is different among the evaluation, Flash memory products and Mask ROM products.
For details of operating voltage, refer to “
■ ELECTRICAL CHARACTERISTICS”


Similar Part No. - FPT-64P-M24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
More results

Similar Description - FPT-64P-M24

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com