Electronic Components Datasheet Search |
|
FPT-64P-M23 Datasheet(PDF) 6 Page - Fujitsu Component Limited. |
|
FPT-64P-M23 Datasheet(HTML) 6 Page - Fujitsu Component Limited. |
6 / 21 page MB95160MA Series 6 DS07–12624–3E ■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS • Notes on Using Evaluation Products The evaluation product has not only the functions of the MB95160MA series but also those of other products to support software development for multiple series and models of the F2MC-8FX family. The I/O addresses for peripheral resources not used by the MB95160MA series are therefore access-barred. Read/write access to these access-barred addresses may cause peripheral resources supposed to be unused to operate, resulting in unexpected malfunctions of hardware or software. Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access are used, the address may be read or written unexpectedly). Also, as the read values of prohibited addresses on the evaluation product are different to the values on the Flash memory products or Mask ROM products, do not use these values in the program. The functions corresponding to certain bits in single-byte registers may not be supported depending on the type of Flash memory products and Mask ROM products. However, reading or writing to these bits will not cause malfunction of the hardware. Also, the products with either evaluation, Flash memory or Mask ROM are designed to have the same operation in software and hardware. • Difference of Memory Spaces If the amount of memory on the evaluation product is different from that of the Flash memory and Mask ROM products, carefully check the difference in the amount of memory from the model to be actually used when developing software. For details of memory space, refer to “ ■ CPU CORE”. • Current Consumption Current in Flash memory products is consumed more than Mask ROM products. For details of current consumption, refer to “ ■ ELECTRICAL CHARACTERISTICS”. • Package For details of information on each package, refer to “ ■ PACKAGES AND CORRESPONDING PRODUCTS” and “ ■ PACKAGE DIMENSIONS”. • Operating voltage The operating voltage is different among the evaluation, Flash memory products and Mask ROM products. For details of operating voltage, refer to “ ■ ELECTRICAL CHARACTERISTICS” |
Similar Part No. - FPT-64P-M23 |
|
Similar Description - FPT-64P-M23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |