Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MODE Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MODE
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MODE Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MODE Datasheet HTML 1Page - Fujitsu Component Limited. MODE Datasheet HTML 2Page - Fujitsu Component Limited. MODE Datasheet HTML 3Page - Fujitsu Component Limited. MODE Datasheet HTML 4Page - Fujitsu Component Limited. MODE Datasheet HTML 5Page - Fujitsu Component Limited. MODE Datasheet HTML 6Page - Fujitsu Component Limited. MODE Datasheet HTML 7Page - Fujitsu Component Limited. MODE Datasheet HTML 8Page - Fujitsu Component Limited. MODE Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
PIN DESCRIPTIONS
Pin No.
Pin Name
I/O
Description
1
BST1
CH1 boost capacitor connection pin.
2
EN1
I
CH1 enable pin.
3
VOUT1
I
CH1 input pin for DC/DC output voltage.
4
FB1
I
CH1 input pin for feedback voltage.
5
CS1
I
CH1 soft-start time setting capacitor connection pin.
6
GND
Ground pin.
7
FREQ
I
Frequency switching signal input pin.
FREQ : GND Short
Switching frequency
310 kHz
FREQ : Open
Switching frequency
620 kHz
FREQ : VB Short
Switching frequency
1 MHz
8
CS2
I
CH2 soft-start time setting capacitor connection pin.
9
FB2
I
CH2 input pin for feedback voltage.
10
VOUT2
I
CH2 input pin for DC/DC output voltage.
11
EN2
I
CH2 enable pin.
12
BST2
CH2 boost capacitor connection pin.
13
DRVH2
O
CH2 output pin for external high-side FET gate drive.
14
LX2
CH2 inductor and external high-side FET source connection pin.
15
DRVL2
CH2 output pin for external low-side FET gate drive.
16
ILIM2
I
CH2 over current detection level setting voltage input pin.
17
MODE
I
DC/DC control mode switching signal input pin.
MODE : GND Short
PFM/PWM
MODE : Open
PFM/PWM, PAF
MODE : VB Short
PWM fixed
18
VB
O
Internal circuit bias output pin.
19
VCC
I
Power input pin for control and output circuits.
20
ILIM1
I
CH1 over current detection level setting voltage input pin.
21
PGND
Ground pin for output circuit.
22
DRVL1
O
CH1 output pin for external low-side FET gate drive.
23
LX1
CH1 inductor and external high-side FET source connection pin.
24
DRVH1
O
CH1 output pin for external high-side FET gate drive.


Similar Part No. - MODE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MODEL AD-MODEL Datasheet
837Kb / 20P
   Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
REV. F
logo
List of Unclassifed Man...
Model ETC-Model Datasheet
138Kb / 1P
   High Voltage Metal Film Resistors
logo
Banner Engineering Corp...
MODEL-2450 BANNER-MODEL-2450 Datasheet
251Kb / 4P
   Q130RA Sensor
MODEL-9076 BANNER-MODEL-9076 Datasheet
251Kb / 4P
   Q130RA Sensor
logo
Analog Devices
Model1 AD-Model1 Datasheet
701Kb / 21P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
More results

Similar Description - MODE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com