Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILIM2 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # ILIM2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

ILIM2 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  ILIM2 Datasheet HTML 1Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 2Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 3Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 4Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 5Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 6Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 7Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 8Page - Fujitsu Component Limited. ILIM2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
BLOCK DIAGRAM
5µA
1µA
2 µA
2 µA
450 kΩ
450 kΩ
VIN
(6 V to 28 V
OVP
UVP
UVP2
UVP1
OVP2
OVP1
REF1
× 0.7 V
REF1
× 1.15V
/EN1
/UVLO(OTP)
/EN1
OTP
UVP
REF1
(0.7 V)
tON
Generator
VCC
EN1
EN2
VCC
VB
VB
4 : 1
25 Ω
<Error Comp.>
VB
5.2 V
<ILIM Comp.>
<OVP Comp.>
<UVP Comp.>
VREF
2.5 V
R
Q
S
Slope & Offset
OVP latch
(delay:15 µs)
UVP latch
(delay:150 µs)
VOUT1
<CH1>
VOUT1
FB1
CS1
ILIM1
EN1
VOUT2
VOUT2
FB2
CS2
ILIM2
EN2
<CH2>
EN
Logic
EN1
"H": Enable
REF1
REF2
UVLO
(VB)
UVLO
(VREF)
UVLO
OTP
to CH2
MODE
Select
BST2
MODE
FREQ
PGND
DRVL1
DRV
Logic
<IR Comp.>
LX1
PGND
×1.0
×1.0
LX1
DRVH1
VOUT1
DRVH
DRVL
BST1
VB
DRVH2
LX2
DRVL2
VOUT2
GND
FREQ
Select
"H": UVLO
release
Thermal
Protection
EN2
(0.7 V)


Similar Part No. - ILIM2

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ILI-MB-E3 GAMEWELL-FCI-ILI-MB-E3 Datasheet
96Kb / 2P
   Intelligent Loop Interface-Main Board
ILI-MB-E3 GAMEWELL-FCI-ILI-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
ILI-S-E3 GAMEWELL-FCI-ILI-S-E3 Datasheet
96Kb / 2P
   Intelligent Loop Interface-Main Board
ILI-S-E3 GAMEWELL-FCI-ILI-S-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
logo
List of Unclassifed Man...
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
More results

Similar Description - ILIM2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com