Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC02 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # IC02
Description  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

IC02 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  IC02_0 Datasheet HTML 1Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 2Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 3Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 4Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 5Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 6Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 7Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 8Page - Fujitsu Component Limited. IC02_0 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MB9B100 Series
FEATURES
32-bit ARM Cortex-M3 Core
Processor version: r2p0
Up to 80MHz Frequency Operation
Memory Protection Unit (MPU): improve the reliability of an embedded system
Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and 48
peripheral interrupts and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task management
On-chip Memories
[Flash memory]
Up to 512 Kbyte
Read cycle: 0wait-cycle@up to 60MHz, 2wait-cycle* above
*: Instruction pre-fetch buffer is included. So when CPU access continuously, it becomes 0wait-cycle
Security function for code protection
[SRAM]
MB9B100 Series contain a total of up to 64Kbyte on-chip SRAM memories. This is composed of two
independent SRAM for CPU and DMA Controller can process simultaneously.
Up to 32 Kbyte SRAM for high-performance CPU
Up to 32 Kbyte SRAM for CPU/DMA Controller
External Bus Interface
Supports SRAM, NOR& NAND Flash device
Up to 8 chip selects
8/16-bit Data width
Up to 25-bit Address bit
Multi-function Serial Interface (Max. 8channels)
4 channels with 16-byte FIFO (ch.4-ch.7), 4 channels without FIFO (ch.0-ch.3)
Operation mode is selectable from the followings for each channel.
UART
CSIO
LIN
I2C
[UART]
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4)
Various error detect functions available (parity errors, framing errors, and overrun errors)
[CSIO]
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
2
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E


Similar Part No. - IC02_0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IC0400C778BF MAXIM-IC0400C778BF Datasheet
64Kb / 2P
   High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
IC0400C778BF++ MAXIM-IC0400C778BF+ Datasheet
64Kb / 2P
   High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
IC0400C778BF-USIP MAXIM-IC0400C778BF-USIP Datasheet
64Kb / 2P
   High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
IC0400K778BF MAXIM-IC0400K778BF Datasheet
64Kb / 2P
   High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
IC0400K778BF++ MAXIM-IC0400K778BF+ Datasheet
64Kb / 2P
   High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
More results

Similar Description - IC02_0

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF104NPMC-G-JNE1 FUJITSU-MB9BF104NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104RPMC-G-JNE1 FUJITSU-MB9BF104RPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com