Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPTE1203 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPTE1203
Description  1W Isolated Single Output SMD DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTE1203 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPTE1203 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTE1203 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTE1203 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPTE Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page1 / 3
DESCRIPTION
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power
systems is required. The internal SMD construction with leadframe technology makes it possible to
offer a product with high performance, these converters are qualified for the higher temperatures
requested by lead-free reflow solder processes, especially for automated SMD production lines.
1W Isolated Single Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
V
V
mA
%
TPTE0303
3.3
3.3
303
72
TPTE0305
3.3
5
201
77
TPTE0309
3.3
9
111
77
TPTE0312
3.3
12
83
77
TPTE0315
3.3
15
67
77
TPTE0503
5
3.3
303
74
TPTE0505
5
5
200
69
TPTE0509
5
9
111
75
TPTE0512
5
12
84
78
TPTE0515
5
15
66
78
TPTE1203
12
3.3
303
74
TPTE1205
12
5
200
67
TPTE1209
12
9
111
73
TPTE1212
12
12
83
74
TPTE1215
12
15
66
75
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Voltage range
24V input variants
22
24
26.5
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
1000
3000
VDC
Resistance
Viso= 1000VDC
1
G
Ω
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
610mW
Input voltage Vin, TPTE03xx
5.5V
Input voltage Vin, TPTE05xx
7V
Input voltage Vin, TPTE12xx
15V
Input voltage Vin, TPTE24xx
28V
All specifications typical at TA=25
℃, nominal input voltage and rated output current unless otherwise specified.
Add suffix”P” for continuous short circuit protection,for example TPTE0505P , Add suffix”X” has no 5,10,12 pin, for example TPTE0505X.
FEATURES
RoHS compliant
Lead frame technology
Single isolated output
3KVDC isolation
Efficiency up to 78%
Power density 1.8W/cm
3
Operating temperature: -40
℃to 85℃
UL 94V-0 Package material
Footprint over pins 1.37cm
2
Input voltage:3.3V, 5V,12V,24V
Output voltage:3.3V, 5V, 9V, 12V,15V
Custom solutions available


Similar Part No. - TPTE1203

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE-W2 TOPPOWER-TPTE-W2 Datasheet
652Kb / 3P
   0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE0303-W2 TOPPOWER-TPTE0303-W2 Datasheet
652Kb / 3P
   0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE0305-W2 TOPPOWER-TPTE0305-W2 Datasheet
652Kb / 3P
   0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE0309-W2 TOPPOWER-TPTE0309-W2 Datasheet
652Kb / 3P
   0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPTE1203

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_19 Datasheet
722Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPAT-A TOPPOWER-TPAT-A Datasheet
435Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com