Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX1211Y801B-10 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CMX1211Y801B-10
Description  Small size with high current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CMX1211Y801B-10 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CMX1211Y801B-10 Datasheet HTML 1Page - Laird Tech Smart Technology CMX1211Y801B-10 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA: +1.866.928.8181
Europe: +49.0.8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
ORDERING INFORMATION
PART NUMBER EXAMPLE
C
M
X
1
2
1
1
-
Product series code
EIA size code
(L x W)
6
8
0
1
0
B
Inductance value code (L)
680 = 68 uH
182 = 1800 uH
321 = 320 uH
8R2 = 8.2 uH
Packing Code
B = Bulk Packaging
Additional
Description
Z
Rated Current Code
W = 9000mA
X = 10,000 mA
Y = 15,000 mA
Z
≥ = 20,000 mA
ELECTRICAL SPECIFICATIONS
PART NO.
INDUCTANCE @ 100 KHZ / 100 mV (uH)
DCR
MAX
(m
Ω)
CURRENT
RATING
MAX (A)
RATING
VOLTAGE
MAX (Vrms)
HIPOT
COIL –
COIL (VAC)
NOM
MIN
MAX
CMX1211Z680B-10
68
40.8
91.8
0.56
50
250
1500
CMX1211Z181B-10
180
108
243
1.35
32
250
1500
CMX1211Z321B-10
320
192
432
2.5
28
250
1500
CMX1211Z601B-10
620
372
837
3.5
20
250
1500
CMX1211Y801B-10
800
480
1080
5.3
16
250
1500
CMX1211X132B-10
1300
780
1755
10
11
250
1500
CMX1211W182B-10
1800
1080
2430
14
9
250
1500
FEATURES
• Small size with high current
• Stable performance under load bias
and high reliability
• High suppression of asymmetric interferences
at both low and high frequency
• SMT Type with less height
• Operation temperature: -40°C to 125°C
(Including self-heating)
• Custom designs on request
Pb
APPLICATIONS
• Interferences suppression of
common mode noise
• Power line filter
• Switch-mode power supplies
DIMENSIONS Unit:mm
CMX1211 Series
Wire-Wound SMT Power
Common-Mode Chokes
LAND PATTERNS FOR REFLOW SOLDERING
25.00
A
2.0 REF
B
C
15.24
3.95
27.84
10.16
A Max
B Max
C Max
31.50
28.80
19.00


Similar Part No. - CMX1211Y801B-10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CMX1211X132B-10 LSTD-CMX1211X132B-10 Datasheet
177Kb / 1P
   COMPONENTS SHOULD BE ADEQUATELY PREHEATED BEFORE SOLDERING
CMX1211Z321B-10 LSTD-CMX1211Z321B-10 Datasheet
184Kb / 1P
   this print is the property of laird tech
CMX1211Z680B-10 LSTD-CMX1211Z680B-10 Datasheet
177Kb / 1P
   COMPONENTS SHOULD BE ADEQUATELY PREHEATED BEFORE SOLDERING
More results

Similar Description - CMX1211Y801B-10

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Illinois Capacitor, Inc...
ULG ILLINOISCAPACITOR-ULG Datasheet
149Kb / 2P
   Small size - High ripple current ??super low ESR
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com