Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03DA24S12W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03DA24S12W
Description  3W Wide Range Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03DA24S12W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03DA24S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP03DA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to Output
500
3000
VDC
Isolation resistance
Input to Output
100M
ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5 x 10
5
hrs
Over-current protection mode
Full input range
Auto recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1
…1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit
with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Transient recovery time
25% load change
±5
%
Transient overshoot range
25% load change
400
us
Switch frequency
Vimin≤Vi≤Vimax
30
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
5V Input module(4.5V -9V)
4.5
5
9
VDC
Startup voltage
12V Input module(9V -18V)
8.8
9
9.3
VDC
Startup voltage
24V Input module(18V-36V)
18
VDC
Startup voltage
48V Input module(36V-72V )
36
VDC
Startup voltage
24V Input module(9V -36V)
8.8
9
9.3
VDC
Startup voltage
48V Input module(18V-72V)
18
VDC
Start rising time
Input rising time from 5%-100%
20
ms
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Case temperature under shall not exceed the maximum case temperature level.


Similar Part No. - TP03DA24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results

Similar Description - TP03DA24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com