Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2067 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2067
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2067 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2067 Datasheet HTML 1Page - Texas Instruments TPS2067 Datasheet HTML 2Page - Texas Instruments TPS2067 Datasheet HTML 3Page - Texas Instruments TPS2067 Datasheet HTML 4Page - Texas Instruments TPS2067 Datasheet HTML 5Page - Texas Instruments TPS2067 Datasheet HTML 6Page - Texas Instruments TPS2067 Datasheet HTML 7Page - Texas Instruments TPS2067 Datasheet HTML 8Page - Texas Instruments TPS2067 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490B – DECEMBER 2003 – REVISED DECEMBER 2004
over operating free-air temperature range unless otherwise noted(1)
UNIT
Input voltage range, VI(IN)(2)
-0.3 V to 6 V
Output voltage range, VO(OUT)(2), VO(OUTx)
-0.3 V to 6 V
Input voltage range, VI(/EN), VI(EN), VI(/ENx), VI(ENx)
-0.3 V to 6 V
Voltage range, VI(/OC), VI(/OCx)
-0.3 V to 6 V
Continuous output current, IO(OUT), IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
-40
°C to 125°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Human body model MIL-STD-883C
2 kV
Electrostatic discharge (ESD) protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D-8
585.82 mW
5.8582 mW/
°C
322.20 mW
234.32 mW
DGN-8
1712.3 mW
17.123 mW/
°C
941.78 mW
684.33 mW
D-16
898.47 mW
8.9847 mW/
°C
494.15 mW
359.38 mW
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI(/EN), VI(EN), VI(/ENx), VI(ENx)
0
5.5
V
Continuous output current, IO(OUT), IO(OUTx)
0
1
A
Operating virtual junction temperature, TJ
-40
125
°C
over recommended operating junction temperature range, V
I(IN) = 5.5 V, IO = 1 A, VI(/ENx) = 0 V, or VI(ENx) = 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
Static drain-source on-state
resistance, 5-V operation and
VI(IN) = 5 V or 3.3 V,
IO = 1 A
-40
°C ≤ T
J ≤ 125°C
70
135
m
3.3-V operation
rDS(on)
Static drain-source on-state
resistance, 2.7-V
VI(IN) = 2.7 V,
IO = 1 A
-40
°C ≤ T
J ≤ 125°C
75
150
m
operation(2)
VI(IN) = 5.5 V
0.6
1.5
tr(2)
Rise time, output
VI(IN) = 2.7 V
0.4
1
CL = 1 µF,
TJ = 25°C
ms
RL = 5 Ω
VI(IN) = 5.5 V
0.05
0.5
tf(2)
Fall time, output
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN OR EN
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Not tested in production, specified by design.
3


Similar Part No. - TPS2067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2067 TI-TPS2067 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2067 TI-TPS2067 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2067 TI1-TPS2067 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2067D TI-TPS2067D Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2067D TI-TPS2067D Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2067

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com