Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2065 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2065 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2065 Datasheet HTML 1Page - Texas Instruments TPS2065 Datasheet HTML 2Page - Texas Instruments TPS2065 Datasheet HTML 3Page - Texas Instruments TPS2065 Datasheet HTML 4Page - Texas Instruments TPS2065 Datasheet HTML 5Page - Texas Instruments TPS2065 Datasheet HTML 6Page - Texas Instruments TPS2065 Datasheet HTML 7Page - Texas Instruments TPS2065 Datasheet HTML 8Page - Texas Instruments TPS2065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490B – DECEMBER 2003 – REVISED DECEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTION AND ORDERING INFORMATION
RECOMMENDED
TYPICAL
PACKAGED
MAXIMUM
SHORT-CIRCUIT
NUMBER OF
DEVICES (1)
TA
ENABLE
CONTINUOUS
CURRENT LIMIT
SWITCHES
MSOP (DGN)
SOIC(D)
LOAD CURRENT
AT 25
°C
Active low
TPS2061DGN
TPS2061D
Single
Active high
TPS2065DGN
TPS2065D
Active low
TPS2062DGN
TPS2062D
-40
°C to 85°C
1 A
1.5 A
Dual
Active high
TPS2066DGN
TPS2066D
Active low
-
TPS2063D
Triple
Active high
-
TPS2067D
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2062DR).
LEAD (PB-FREE) ORDERING INFORMATION
TA
SOIC(D)
STATUS(1)
ECO-STATUS(2)
MSOP (DGN)
STATUS(1)
ECO-STATUS(2)
TPS2061DG4
Active
TPS2061DGNG4
Active
TPS2062DG4
Active
TPS2062DGNG4
Active
-40
°C to 85°C
Green
Green
TPS2065DG4
Active
TPS2065DGNG4
Active
TPS2066DG4
Active
TPS2066DGNG4
Active
(1)
The marketing status values are defined as follows:
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend
using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued production of the device.
(2)
Eco-Status information - Additional details including specific material content can be accessed at www.ti.com/leadfree
N/A: Not yet available Lead (Pb)-Free, for estimated conversion dates go to www.ti.com/leadfree.
Pb-Free: TI defines “Lead (Pb)-Free” or “Pb-Free” to mean RoHS compatible, including a lead concentration that does not exceed
0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes.
Green: TI defines “Green” to mean Lead (Pb)-Free and in addition, uses package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight.
2


Similar Part No. - TPS2065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065 TI-TPS2065 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065 TI-TPS2065 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065 TI-TPS2065 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065 TI1-TPS2065 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065-1 TI-TPS2065-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com