Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP2L-1KV3KV Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2L-1KV3KV
Description  2W Isolated Wide Input Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L-1KV3KV Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2L-1KV3KV Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L-1KV3KV Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L-1KV3KV Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:0086-2082019000
EMAIL:sales2@gztoppower.com
Page 3 / 3
Weight: 5.0g
All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and within±0.25mm of true position.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1
-Vin
2
+Vin
3
CTRL
5 *
IC
6
+Vout
7
-Vout
8
CS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
TEMPERATURE DERATING GRAPHS
This series is compatible with RoHS soldering systems with a peak wave
solder temperature of 300℃for 10 seconds. The series is backward
compatible with Sn/Pb soldering systems.
*This pin must have no external connection.
Unless otherwise stated all dimensions in mm ±0.5mm.
All dimensions in mm ±0.5mm.
Tube length : 20mm ±2mm .
Tube Quantity:15
0 .6 0 ±0 .1 5
1 . 5 0
5 .2 0
5 .0 0
6 .0 0
1 4 .2 0
9
8
7
6
5
4.5
0
0.5
1.0
1.5
2.0
2.5
1.75
Isolation voltage(V)
7
1.00
1.15
2.54
2.54
7HOLES
0.30
0.20
3.20
0.55
0.45
11.10
9.20
TP2L1212S
YYWW
4.60
3.60
2.54
0.55
0.45
2.01±0.50
21.80
1
2
3
5
6
7
8
bottom view
TOPPOWER


Similar Part No. - TP2L-1KV3KV

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W_17 Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L-1KV3KV

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
   2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com