Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM6B Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UM6B
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UM6B Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UM6B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM6B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM6B Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
UM1B THRU UM10B
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
UMB
The recommended mounting pad size
mm
(mil)
Unit:
4.3
170
1.0×1.4
39×55
UNIT
mm
1.2
0.20
5.1
1.0
0.12
4.6
max
min
mil
max
min
47
39
7.9
4.7
201
181
A
C
D
E
HE
d
0.70
0.51
28
20
e
2.7
2.3
106
91
UMB mechanical data
4.0
3.6
157
142
3.8
3.4
150
134
g
0.82
0.51
20
32
V
A
M
HE
d
E
∠ALL ROUND
g
g
www.yfwdiode.com


Similar Part No. - UM6B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM6B YFWDIODE-UM6B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM6B YFWDIODE-UM6B Datasheet
489Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
First Silicon Co., Ltd
UM6B FS-UM6B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UM6B-05 YFWDIODE-UM6B-05 Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM6B-05 YFWDIODE-UM6B-05 Datasheet
472Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - UM6B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
SHIKUES Electronics
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1ZB05 ZSELEC-S1ZB05 Datasheet
91Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB08M DIODES-MSB08M Datasheet
424Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10F DIODES-MB10F Datasheet
561Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com