Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2384 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2384
Description  QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2384 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2384 Datasheet HTML 3Page - Texas Instruments TPS2384 Datasheet HTML 4Page - Texas Instruments TPS2384 Datasheet HTML 5Page - Texas Instruments TPS2384 Datasheet HTML 6Page - Texas Instruments TPS2384 Datasheet HTML 7Page - Texas Instruments TPS2384 Datasheet HTML 8Page - Texas Instruments TPS2384 Datasheet HTML 9Page - Texas Instruments TPS2384 Datasheet HTML 10Page - Texas Instruments TPS2384 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TPS2384
SLUS634A − NOVEMBER 2004 − REVISED DECEMBER 2004
7
www.ti.com
TPS2384 SINGLE PORT BLOCK DIAGRAM
UV/OV
Comparators
1 of 4 Ports
LS Return
(Det/Class/Pwr)
OVI
Internal Supply
Generator
+10V Linear Reg
+3.3V Internal
Reg
UVLO
I2C
Serial IO
V48
10V
SCL
Clk
Data_
In
PORB
POR
Cint
P
N
Ret
+
Diff Amp
(Fix Gain)
Two
8 Bits
Status
Register
Two
8 Bits
Control
Register
A2D
V
I
Data_
Out
A2D
Registers
Resistor
Voltage
Current
&
Die Temp
+2.5V Internal
Ref
Vref
Osc
Ct
Syn
A1
A2
A3
A4
A5
AG1
AG2
MS
RGnd
Rbias
INTB
Thermal
Detector
+
Auto
Seq
Logic
+
Loop Cntrl Amp
Detect/Class Modes
Timer
OVI
Thld
Bias Generator
3.3V
Dgnd
AC_
Hi
WD_
dis
+6.3V Linear
Reg
6.3V
T
AC Drivers
AC_
Lo
8 Bit Common
Port Test
Register
8 Bit Common
Port Status
Register
8 Bit Common
Port Control
Register
Alt
A/B
Analog
Control
Circurtry
Max I
Thld
LCA
Power Mode
WatchDog
600K


Similar Part No. - TPS2384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS2384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841_16 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
   POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
Silver Telecom 2019
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
   POE Power-Sourcing-Equipment Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com