Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812X334J3JACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812X334J3JACTU
Description  Ceramic, FlexTerm-(CxxxxX), 0.33 uF, 5%, 25 V, 1812, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812X334J3JACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812X334J3JACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 924c3316-3227-43ef-8391-845bf6cf7602
KEMET Part Number: C1812X334J3JACTU
(C1812X334J3JAC7800)
Ceramic, FlexTerm-(CxxxxX), 0.33 uF, 5%, 25 V, 1812, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
Dimensions
L
4.5mm +/-0.4mm
W
3.2mm +/-0.3mm
T
1.1mm +/-0.10mm
B
0.7mm +/-0.35mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: FlexTerm-(CxxxxX)
Chip Size: 1812
Description: SMD, MLCC, FT-CAP, Ultra-
Stable
Features: FT-CAP, Ultra-Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for U2J
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.33 uF
Capacitance Tolerance: 5%
Voltage DC: 25 VDC
Temperature Range: -55/+125C
Temperature Coefficient: U2J
Dissipation Factor: 0.1%
Aging Rate: 0.1% Loss/Decade Hour
Insulation Resistance: 3.03 GOhms
Dielectric Strength: 62.5 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1812X334J3JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812X334K1RACTU KEMET-C1812X334K1RACTU Datasheet
72Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.33 uF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1812
C1812X334KARACTU KEMET-C1812X334KARACTU Datasheet
61Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.33 uF, 10%, 250 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, Tin Termination, 1812
C1812X334KCRACAUTO KEMET-C1812X334KCRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV Flex, Ceramic, 0.33 uF, 10%, 500 V, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 1812
C1812X334KCRACTU KEMET-C1812X334KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable
More results

Similar Description - C1812X334J3JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812X474J3JACTU KEMET-C1812X474J3JACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.47 uF, 5%, 25 V, 1812, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0603X103J8JACTU KEMET-C0603X103J8JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 5%, 10 V, 0603, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0805X223J5JACTU KEMET-C0805X223J5JACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.022 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0805X103J5JACTU KEMET-C0805X103J5JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C1206X683J5JACTU KEMET-C1206X683J5JACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.068 uF, 5%, 50 V, 1206, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0805X153J5JACTU KEMET-C0805X153J5JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.015 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C1206X154J5JACTU KEMET-C1206X154J5JACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.15 uF, 5%, 50 V, 1206, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0805X473J5JACTU KEMET-C0805X473J5JACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.047 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C1210X224J5JACTU KEMET-C1210X224J5JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.22 uF, 5%, 50 V, 1210, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C1206X104J3GACTU KEMET-C1206X104J3GACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 5%, 25 V, 1206, C0G, SMD, MLCC, FT-CAP, Ultra-Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com