Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4411RTJ Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA4411RTJ
Description  80-mW CAPLESS STEREO HEADPHONE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4411RTJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA4411RTJ Datasheet HTML 3Page - Texas Instruments TPA4411RTJ Datasheet HTML 4Page - Texas Instruments TPA4411RTJ Datasheet HTML 5Page - Texas Instruments TPA4411RTJ Datasheet HTML 6Page - Texas Instruments TPA4411RTJ Datasheet HTML 7Page - Texas Instruments TPA4411RTJ Datasheet HTML 8Page - Texas Instruments TPA4411RTJ Datasheet HTML 9Page - Texas Instruments TPA4411RTJ Datasheet HTML 10Page - Texas Instruments TPA4411RTJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
PO − Output Power − mW
In Phase
Single Channel
180
° Out of Phase
VDD = 3 V,
RL = 32 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3 V,
RL = 32 Ω,
fIN = 1 kHz
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3 V,
RL = 32 Ω,
fIN = 10 kHz
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 20 Hz
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 32 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 32 Ω,
fIN = 1 kHz
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 3.6 V,
RL = 32 Ω,
fIN = 10 kHz
TPA4411
SLOS430 – AUGUST 2004
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
Figure 15.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 16.
Figure 17.
Figure 18.
7


Similar Part No. - TPA4411RTJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411RTJ TI-TPA4411RTJ Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411RTJR TI-TPA4411RTJR Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411RTJRG4 TI-TPA4411RTJRG4 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411RTJT TI-TPA4411RTJT Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411RTJTG4 TI-TPA4411RTJTG4 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411RTJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
   STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
   Capless headphone eliminates BOM
logo
Texas Instruments
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com