Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB058LAM150 Datasheet(PDF) 4 Page - Rohm

Part # RB058LAM150
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB058LAM150 Datasheet(HTML) 4 Page - Rohm

  RB058LAM150 Datasheet HTML 1Page - Rohm RB058LAM150 Datasheet HTML 2Page - Rohm RB058LAM150 Datasheet HTML 3Page - Rohm RB058LAM150 Datasheet HTML 4Page - Rohm RB058LAM150 Datasheet HTML 5Page - Rohm RB058LAM150 Datasheet HTML 6Page - Rohm RB058LAM150 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB058LAM150
lElectrical Characteristic Curves
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
150
D = 1/2
DC
Sin(
θ=180)
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
150
D = 1/2
DC
Sin(
θ=180)
CASE TEMPERATURE : T
c (°C)
DERATING CURVE (I
o-Tc)
T
j=150°C
D=t/T
V
R=VRM/2
T
t
0A
0V
IO
VR
Glass epoxy board mounted
AMBIENT TEMPERATURE : T
a (°C)
DERATING CURVE (I
o-Ta)
T
j=150°C
D=t/T
V
R=VRM/2
T
t
0A
0V
IO
VR
Glass epoxy board mounted
4/4
2016.09 - Rev.A


Similar Part No. - RB058LAM150

ManufacturerPart #DatasheetDescription
logo
Rohm
RB058LAM150TF ROHM-RB058LAM150TF Datasheet
2Mb / 9P
   Schottky Barrier Diode
More results

Similar Description - RB058LAM150

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com