Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF3C684(1)050(2)5900 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TF3C684(1)050(2)5900
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF3C684(1)050(2)5900 Datasheet(HTML) 3 Page - Vishay Siliconix

  TF3C684(1)050(2)5900 Datasheet HTML 1Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 2Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 3Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 4Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 5Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 6Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 7Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 8Page - Vishay Siliconix TF3C684(1)050(2)5900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TF3
www.vishay.com
Vishay Sprague
Revision: 13-Sep-16
3
Document Number: 40113
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
47
C (1.60, 1.30,
0.60),
D (1.00, 0.90,
0.45)
C (1.20, 1.00,
0.40),
D (1.00, 0.70,
0.40, 0.35)
D (0.80, 0.70,
0.40, 0.35),
E (0.90, 0.70,
0.40, 0.35)
D (0.60, 0.30),
E (0.60, 0.30)
68
C (1.60, 1.40,
0.40)
C (1.20, 0.80,
0.40),
D (1.00, 0.70,
0.35)
D (0.80, 0.70,
0.40, 0.35),
E (0.90, 0.70,
0.35)
D (0.60, 0.30)
E (0.60, 0.30)
100
C (1.20, 0.80,
0.40)
C (0.70, 0.40,
0.35),
D (0.80, 0.70,
0.40, 0.35),
E (0.90, 0.70,
0.30)
D (0.70, 0.60,
0.40, 0.30),
E (0.60, 0.40,
0.30)
E (0.70, 0.60,
0.30)
150
C (1.20, 0.80,
0.40),
D (0.80, 0.60,
0.30)
D (0.70, 0.60,
0.30),
E (0.60, 0.30)
D (0.70, 0.60,
0.40, 0.30),
E (0.70, 0.50,
0.40, 0.25)
E (0.40)
220
D (0.70, 0.60,
0.40, 0.30)
D (0.70, 0.60,
0.30),
E (0.70, 0.50,
0.30, 0.25)
E (0.50, 0.30,
0.25)
330
D (0.70, 0.60,
0.40, 0.30),
E (0.70, 0.50,
0.25)
E (0.50, 0.30)
470
E (0.50, 0.25)
CONSTRUCTION AND MARKING
Marking
Capacitor marking includes an anode (+) polarity band,
capacitance in microfarads and the voltage rating.
The Vishay identification is included if space permits. Capacitors
rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
Lead frame
Epoxy encapsulation
Anode polarity bar
Solderable cathode
termination
Silver adhesive
MnO
2 / carbon / silver
coating
Solderable anode
termination
Sintered tantalum pellet
Fusible
wire
Date code
Vishay marking
Indicates
fused product
Indicates
lead (Pb)-free
Voltage
Capacitance
μF
Polarity
band
22F10L
XX
2
C, D, E Cases


Similar Part No. - TF3C684(1)050(2)5900

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF3 CK-COMPONENTS-TF3 Datasheet
379Kb / 4P
   Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
31 May 21
logo
Rhombus Industries Inc.
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - TF3C684(1)050(2)5900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com