Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-MLF-7076 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-MLF-7076
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7076 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-MLF-7076 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7076 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7076 Datasheet HTML 3Page - Ironwood Electronics. SG-MLF-7076 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16.725
0.850±0.025 Thru (x2)
non-plated Alignment holes.
1.700±0.100 Thru (x4)
Non-Plated Mounting Holes
4.70
4.70
4.70
4.70
R1.0 (X4)
5.817
3.277
19.225
Socket Base
(PCB component
keepout area)
Cut-out as needed for components on module.
Cut-out must be shifted left of center or enlarged
enough to compensate for shifted module due to
angled elastomer design,
TOP VIEW
Orientation Mark
4.78 Washers (X4)
BOTTOM VIEW
Note: C12118 and C12119 are compatible sockets.
Both recommended PCB layout are the same.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 1/11/13
Material: N/A
Finish: N/A
Weight: 5.39
SG-MLF-7076 Drawing
SCALE: 4:1
SHEET: 2 OF 4
DRAWN BY: S. Delano
FILE: SG-MLF-7076 Dwg


Similar Part No. - SG-MLF-7076

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7070 IRONWOOD-SG-MLF-7070 Datasheet
419Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7071 IRONWOOD-SG-MLF-7071 Datasheet
278Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7072 IRONWOOD-SG-MLF-7072 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7073 IRONWOOD-SG-MLF-7073 Datasheet
404Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7074 IRONWOOD-SG-MLF-7074 Datasheet
401Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7076

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com