Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-SOIC-3001 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-SOIC-3001
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-SOIC-3001 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-SOIC-3001 Datasheet HTML 1Page - Ironwood Electronics. SG-SOIC-3001 Datasheet HTML 2Page - Ironwood Electronics. SG-SOIC-3001 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE 2 of 3
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.45mm min.
Plating: Immersion Gold, Immersion Silver, or Solder finish.
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: E Smolentseva
Scale: -
Date: 3/3/10
File: SG-SOIC-3001 Dwg.mcd
SG-SOIC-3001 Drawing
Rev: A
Modified:
© 2012 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Socket Body Size
Non plated mounting hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
15.225mm±0.125mm (x4)
12.725mm (x4)
3.4375mm
5.60mm
3.5625mm
Ø 0.850mm±0.025mm (x2)
6.29mm
17.73mm sqr.
backing plate outline
7.34mm
Ø 1.71mm±0.10mm (x4)
3.70mm
3.8225mm
1.2825mm
5.85mm
2.40mm
0.65mm
0.44mm
1


Similar Part No. - SG-SOIC-3001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-SOIC-3000 IRONWOOD-SG-SOIC-3000 Datasheet
52Kb / 4P
   Compression plate distributes forces evenly
SG-SOIC-3002 IRONWOOD-SG-SOIC-3002 Datasheet
39Kb / 3P
   Compression plate distributes forces evenly
SG-SOIC-3003 IRONWOOD-SG-SOIC-3003 Datasheet
214Kb / 4P
   Compression plate distributes forces evenly
SG-SOIC-3004 IRONWOOD-SG-SOIC-3004 Datasheet
252Kb / 4P
   Compression plate distributes forces evenly
SG-SOIC-3005 IRONWOOD-SG-SOIC-3005 Datasheet
253Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-SOIC-3001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com