Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6082IM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6082IM
Description  Precision CMOS Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6082IM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6082IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6082IM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Typical Single-Supply Applications (Continued)
Typical Single-Supply Applications (V+ = 5.0 V
DC)
DS011297-11
If R1 = R5,R3 = R6, and R4 = R7; then
∴A
V ≈ 100 for circuit shown (R2 = 9.822k).
FIGURE 7. Instrumentation Amplifier
DS011297-12
FIGURE 8. Low-Leakage Sample and Hold
DS011297-13
FIGURE 9. 1 Hz Square Wave Oscillator
www.national.com
10


Similar Part No. - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082IM TI-LMC6082IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IM TI1-LMC6082IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IM/NOPB TI1-LMC6082IM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX TI1-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6082 TI1-LMC6082 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com