Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA24 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # TRA24
Description  Fixed radio applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TRA24 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  TRA24 Datasheet HTML 1Page - Laird Tech Smart Technology TRA24 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ELECTRICAL
Frequency Band
ISM, 2.4-2.5 GHz / 4.9-5.85 GHz
Frequency Range
(Test Frequency at Peak)
2400 MHz
4900 MHz
Peak Gain (dBi)
Azimuth Cut, Phi=0°
0.7
0.9
Peak Gain (dBi)
Elevation Cut, Phi=90°
0.6
5.7
Elevation Beamwidth
at Half-Power
30°
65°
Azimuth Beamwidth
at Half-Power
130°
230°
TECHNICAL DATA
Pattern
Omni-Directional
Maximum Power
100W
Nominal Impedance
50 ohm
Polarization
Vertical and Horizontal
VSWR
<2:1 (includes 6ft of ATX195)
<3:1 (no coaxial cable)
Termination
NMO and Permanent Mount
w/ N Female Connector
F/B Ratio
NA
Mounting Hardware includes
NA (NMO mount sold separately)
Coaxial Cable Type & Length
None
Lightning Protection
NA
Operating Temperature
-40°C to +85°C
sPeciFications
MODEL
DESCRIPTION
TRA24/49003
NMO Mount, White Radome
TRAB24/49003
NMO Mount, Black Radome
TRA24/49003P
P-Mount, White Radome
TRAB24/49003P
P-Mount, Black Radome
MoDel anD orDerinG inForMation
MECHANICAL
Antenna Dimensions
1.44”(36.5 mm)dia x 2.3”(58.4 mm)H
Weight (Mass)
0.25 lb (113.4 g)
Phantom® antennas
TRA(B)24/49003(P)
ANT-DS-TRA24(B)-49003(P)-1114
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Inc. All Rights
Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or
service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
Max Gain: 0.7 dBi
Average Gain: -3.9 dBi
Max Angle: 325.0°
Max Gain: 0.6 dBi
Average Gain: -7.6 dBi
Max Angle: 295.0°
Max Gain: 0.2 dBi
Average Gain: -5.9 dBi
Max Angle: 325.0°
Max Gain: 2.9 dBi
Average Gain: -4.7 dBi
Max Angle: 30.0°


Similar Part No. - TRA24

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA24 TRUMPOWER-TRA24 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
TRA24-03-4 TRUMPOWER-TRA24-03-4 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
TRA24-03-4G TRUMPOWER-TRA24-03-4G Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
TRA24-03-6 TRUMPOWER-TRA24-03-6 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
TRA24-03-6G TRUMPOWER-TRA24-03-6G Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
More results

Similar Description - TRA24

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF446B ACT-ACTF446B Datasheet
132Kb / 3P
   Mobile Radio Applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
ATMEL Corporation
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
   Transceiver for ISM Radio Applications
logo
Advanced Crystal Techno...
ACTF450A ACT-ACTF450A Datasheet
86Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
ACTF426A ACT-ACTF426A Datasheet
94Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Ultralife Corporation.
CR2 ULTRALIFE-CR2 Datasheet
450Kb / 2P
   Military and other radio applications
19 AUG 13 Rev: -
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7518 STMICROELECTRONICS-TDA7518 Datasheet
124Kb / 8P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com