Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G691L293T22 Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G691L293T22
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G691L293T22 Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G691L293T22 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G691L293T22 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G690/G691
Global Mixed-mode Technology Inc.
Figure 3. Interfacing to µPs with Bidirectional Reset
I/O
Figure 4. G691L Open-Drain RESET Output Allows
Use with Multiple Supplies
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the G691L is open drain,
this device interfaces easily with µPs that have bidi-
rectional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output di-
rectly to the microcontroller’s (µC’s) RESET pin with
a single pull-up resistor allows either device to assert
reset (Figure 3).
G691L Open-Drain RESET Output Allows Use with
Multiple Supplies
Generally, the pull-up connected to the G691L will
connect to the supply voltage that is being monitored
at the IC’s VCC pin. However, some systems may use
the open-drain output to level-shift from the monitored
supply to reset circuitry powered by some other supply
(Figure 4). Note that as the G691L’s VCC decreases
below 1V, so does the IC’s ability to sink current at
RESET . Also, with any pull-up, RESET will be pulled
high as VCC decays toward 0. The voltage where this
occurs depends on the pull-up resistor value and the
voltage to which it is connected.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal
supply voltages. This ensures a reset will not occur
within 5% of the nominal supply, but will occur when
the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The G69_ _463/G69_ _308 use highly accurate circuitry
to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below
nominal.
RESET
INPUT
GND
µP
V
CC
RESET
GND
G691
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
µP
V
CC
RESET
GND
G691
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G691
V
CC
RPULL-UP
+3.3V
+5.0V
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G691
V
CC
RPULL-UP
+3.3V
+5.0V


Similar Part No. - G691L293T22

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
List of Unclassifed Man...
G692H ETC-G692H Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
G693 ETC-G693 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
More results

Similar Description - G691L293T22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com