Electronic Components Datasheet Search |
|
IR21367S Datasheet(PDF) 3 Page - International Rectifier |
|
IR21367S Datasheet(HTML) 3 Page - International Rectifier |
3 / 36 page www.irf.com 3 IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF) Note 2: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode. Recommended Operating Conditions cont. The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom- mended conditions. All voltage parameters are absolute referenced to COM. The VS offset rating is tested with all supplies biased at 15V differential. Symbol Definition Min. Max. Units V Static Electrical Characteristics VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six channels (HS1,2,3 and LS1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 and LO1,2,3. Symbol Definition Min. Typ. Max. Units Test Conditions VIH Logic “0” input voltage LIN1,2,3, HIN1,2,3 IR2136(3)(5) 3.0 — — Logic “1” input voltage HIN1,2,3 IR21362 Logic “0” input voltage LIN1,2,3, HIN1,2,3 IR21366(7)(8) 2.5 — — VIL Logic “1” input voltage LIN1,2,3, HIN1,2,3 IR2136(3)(5) — — 0.8 Logic “0” input voltage HIN1,2,3 IR21362 Logic “0” input voltage LIN1,2,3, HIN1,2,3 IR21366(7)(8) — — 0.8 VEN,TH+ EN positive going threshold — — 3 VEN,TH- EN negative going threshold 0.8 — — VIT,TH+ ITRIP positive going threshold IR2136(2)(3)(6) 0.37 0.46 0.55 IR21365(7)(8) 3.85 4.30 4.75 VIT,HYS ITRIP input hysteresis IR2136(2)(3)(6) — 0.07 — IR21365(7)(8) — .15 — VRCIN,TH+ RCIN positive going threshold — 8 — VRCIN,HYS RCIN input hysteresis — 3 — VOH High level output voltage, VBIAS - VO — 0.9 1.4 IO = 20 mA VOL Low level output voltage, VO — 0.4 0.6 IO = 20 mA VCCUV+ VCC and VBS supply undervoltage IR2136(8) 8.0 8.9 9.8 VBSUV+ positive going threshold IR21362 9.6 10.4 11.2 IR21363(5)(6)(7) 10.6 11.1 11.6 V VITRIP ITRIP input voltage VSS VSS +5 VIN Logic input voltage LIN , HIN (IR2136,IR21363(5)(6)(7)(8)), HIN(IR21362), EN VSS VSS +5 TA Ambient temperature -40 125 o C |
Similar Part No. - IR21367S |
|
Similar Description - IR21367S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |