Electronic Components Datasheet Search |
|
6043267 Datasheet(PDF) 2 Page - SICK AG |
|
6043267 Datasheet(HTML) 2 Page - SICK AG |
2 / 5 page A B C D E F H I J K L M N O P Q R S T TCT-1PAS10253LZ | TCT TEMPERATURE SENSORS Illustration may differ Ordering information Type Part no. TCT-1PAS10253LZ 6043267 Other models and accessories www.sick.com/TCT Detailed technical data Features Measuring range –50 °C +150 °C Sensor element Pt100 Output signal Pt100, 4-wire Performance Accuracy of sensor element Class A according to IEC 60751 Transmitter accuracy ≤ ± 1,0 % of span Transmitter linearity ≤ 0.1 % of span Response time Response time t50: ≤ 2.8 s 1) t90 ≤ 9,1 s 1) 1) Depending on sensor configuration, according to IEC 60751. Mechanics/electronics Process connection Compression fitting G ¼ B, CrNi stainless steel ferrule Insertion length/diameter of probe 25 mm / 3 mm Wetted parts Stainless steel 1.4571 Pressure resistance Max. 100 bar with supplied compression fitting with stainless steel ferrule Housing material Stainless steel 1.4571 Electrical connection L-connector (DIN EN 175301-803 A), 4 pin, IP 65 1) Measuring current 0.3 mA ... 1 mA Electrical safety Protection class: III, dielectric strength: 500 V Protection class III ✔ RoHS certificate ✔ Weight Ca. 145 g (depending on configuration) Initialization time < 10 ms 1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond- ing enclosure rating. Ambient data Ambient temperature –40 °C ... +85 °C 2 FLUID SENSORS | SICK Online data sheet | 2017-02-23 11:18:08 Subject to change without notice |
Similar Part No. - 6043267 |
|
Similar Description - 6043267 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |