Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F211AF104R050C Datasheet(PDF) 8 Page - Kemet Corporation

Part # F211AF104R050C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104R050C Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F211AF104R050C Datasheet HTML 4Page - Kemet Corporation F211AF104R050C Datasheet HTML 5Page - Kemet Corporation F211AF104R050C Datasheet HTML 6Page - Kemet Corporation F211AF104R050C Datasheet HTML 7Page - Kemet Corporation F211AF104R050C Datasheet HTML 8Page - Kemet Corporation F211AF104R050C Datasheet HTML 9Page - Kemet Corporation F211AF104R050C Datasheet HTML 10Page - Kemet Corporation F211AF104R050C Datasheet HTML 11Page - Kemet Corporation F211AF104R050C Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
8
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference
(1) R = ±2.5%, J = ±5%, K = ±10%, M = ±20%
(2) Insert lead and packaging code. See Ordering Options Table for available options.
(3) H = ±2.5%, J = ±5%, K = ±10%, M = ±20%
VDC VAC Capacitance
Value (µF)
Size Code
(New/
Legacy)
Maximum
Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
0.001
JF/J01
2.5
6.5
7.2
5
40
F211JF102(1)050(2)
SMR5102(3)50J01(2)
50
30
0.0012
JF/J01
2.5
6.5
7.2
5
40
F211JF122(1)050(2)
SMR5122(3)50J01(2)
50
30
0.0015
JF/J01
2.5
6.5
7.2
5
40
F211JF152(1)050(2)
SMR5152(3)50J01(2)
50
30
0.0018
JF/J01
2.5
6.5
7.2
5
40
F211JF182(1)050(2)
SMR5182(3)50J01(2)
50
30
0.0022
JF/J01
2.5
6.5
7.2
5
40
F211JF222(1)050(2)
SMR5222(3)50J01(2)
50
30
0.0027
JF/J01
2.5
6.5
7.2
5
40
F211JF272(1)050(2)
SMR5272(3)50J01(2)
50
30
0.0033
JF/J01
2.5
6.5
7.2
5
40
F211JF332(1)050(2)
SMR5332(3)50J01(2)
50
30
0.0039
JF/J01
2.5
6.5
7.2
5
40
F211JF392(1)050(2)
SMR5392(3)50J01(2)
50
30
0.0047
JF/J01
2.5
6.5
7.2
5
20
F211JF472(1)050(2)
SMR5472(3)50J01(2)
50
30
0.0056
JF/J01
2.5
6.5
7.2
5
20
F211JF562(1)050(2)
SMR5562(3)50J01(2)
50
30
0.0068
JF/J01
2.5
6.5
7.2
5
20
F211JF682(1)050(2)
SMR5682(3)50J01(2)
50
30
0.0082
JF/J01
2.5
6.5
7.2
5
20
F211JF822(1)050(2)
SMR5822(3)50J01(2)
50
30
0.01
JF/J01
2.5
6.5
7.2
5
20
F211JF103(1)050(2)
SMR5103(3)50J01(2)
50
30
0.012
JF/J01
2.5
6.5
7.2
5
15
F211JF123(1)050(2)
SMR5123(3)50J01(2)
50
30
0.015
JF/J01
2.5
6.5
7.2
5
15
F211JF153(1)050(2)
SMR5153(3)50J01(2)
50
30
0.018
JF/J01
2.5
6.5
7.2
5
15
F211JF183(1)050(2)
SMR5183(3)50J01(2)
50
30
0.022
JF/J01
2.5
6.5
7.2
5
15
F211JF223(1)050(2)
SMR5223(3)50J01(2)
50
30
0.027
JF/J01
2.5
6.5
7.2
5
15
F211JF273(1)050(2)
SMR5273(3)50J01(2)
50
30
0.033
JF/J01
2.5
6.5
7.2
5
15
F211JF333(1)050(2)
SMR5333(3)50J01(2)
50
30
0.039
JF/J01
2.5
6.5
7.2
5
15
F211JF393(1)050(2)
SMR5393(3)50J01(2)
50
30
0.047
JF/J01
2.5
6.5
7.2
5
6
F211JF473(1)050(2)
SMR5473(3)50J01(2)
50
30
0.056
JF/J01
2.5
6.5
7.2
5
6
F211JF563(1)050(2)
SMR5563(3)50J01(2)
50
30
0.068
JF/J01
2.5
6.5
7.2
5
6
F211JF683(1)050(2)
SMR5683(3)50J01(2)
50
30
0.082
JF/J01
2.5
6.5
7.2
5
6
F211JF823(1)050(2)
SMR5823(3)50J01(2)
50
30
0.1
JF/J01
2.5
6.5
7.2
5
6
F211JF104(1)050(2)
SMR5104(3)50J01(2)
50
30
0.12
JF/J01
2.5
6.5
7.2
5
6
F211JF124(1)050(2)
SMR5124(3)50J01(2)
50
30
0.15
JJ/J02
3.5
8
7.2
5
6
F211JJ154(1)050(2)
SMR5154(3)50J02(2)
50
30
0.18
JJ/J02
3.5
8
7.2
5
6
F211JJ184(1)050(2)
SMR5184(3)50J02(2)
50
30
0.22
JJ/J02
3.5
8
7.2
5
6
F211JJ224(1)050(2)
SMR5224(3)50J02(2)
50
30
0.27
JJ/J02
3.5
8
7.2
5
6
F211JJ274(1)050(2)
SMR5274(3)50J02(2)
50
30
0.33
JL/J03
4.5
9
7.2
5
6
F211JL334(1)050(2)
SMR5334(3)50J03(2)
50
30
0.39
JL/J03
4.5
9
7.2
5
6
F211JL394(1)050(2)
SMR5394(3)50J03(2)
50
30
0.47
JQ/J04
5
10
7.2
5
6
F211JQ474(1)050(2)
SMR5474(3)50J04(2)
50
30
0.56
JQ/J04
5
10
7.2
5
6
F211JQ564(1)050(2)
SMR5564(3)50J04(2)
50
30
0.68
JT/J05
6
11
7.2
5
6
F211JT684(1)050(2)
SMR5684(3)50J05(2)
50
30
0.82
JT/J05
6
11
7.2
5
6
F211JT824(1)050(2)
SMR5824(3)50J05(2)
50
30
1
JU/J06
7.2
13
7.2
5
6
F211JU105(1)050(2)
SMR5105(3)50J06(2)
50
30
1.2
JU/J06
7.2
13
7.2
5
6
F211JU125(1)050(2)
SMR5125(3)50J06(2)
50
30
0.001
KG/K01
4
8
10
7.5
30
F211KG102(1)050(2)
SMR7.5102(3)50K01(2)
50
30
0.0012
KG/K01
4
8
10
7.5
30
F211KG122(1)050(2)
SMR7.5122(3)50K01(2)
50
30
0.0015
KG/K01
4
8
10
7.5
30
F211KG152(1)050(2)
SMR7.5152(3)50K01(2)
50
30
0.0018
KG/K01
4
8
10
7.5
30
F211KG182(1)050(2)
SMR7.5182(3)50K01(2)
50
30
0.0022
KG/K01
4
8
10
7.5
30
F211KG222(1)050(2)
SMR7.5222(3)50K01(2)
50
30
0.0027
KG/K01
4
8
10
7.5
30
F211KG272(1)050(2)
SMR7.5272(3)50K01(2)
50
30
0.0033
KG/K01
4
8
10
7.5
30
F211KG332(1)050(2)
SMR7.5332(3)50K01(2)
50
30
0.0039
KG/K01
4
8
10
7.5
30
F211KG392(1)050(2)
SMR7.5392(3)50K01(2)
50
30
0.0047
KG/K01
4
8
10
7.5
30
F211KG472(1)050(2)
SMR7.5472(3)50K01(2)
50
30
0.0056
KG/K01
4
8
10
7.5
30
F211KG562(1)050(2)
SMR7.5562(3)50K01(2)
50
30
0.0068
KG/K01
4
8
10
7.5
30
F211KG682(1)050(2)
SMR7.5682(3)50K01(2)
50
30
0.0082
KG/K01
4
8
10
7.5
30
F211KG822(1)050(2)
SMR7.5822(3)50K01(2)
50
30
0.01
KG/K01
4
8
10
7.5
30
F211KG103(1)050(2)
SMR7.5103(3)50K01(2)
50
30
0.012
KG/K01
4
8
10
7.5
30
F211KG123(1)050(2)
SMR7.5123(3)50K01(2)
50
30
0.015
KG/K01
4
8
10
7.5
30
F211KG153(1)050(2)
SMR7.5153(3)50K01(2)
50
30
0.018
KG/K01
4
8
10
7.5
30
F211KG183(1)050(2)
SMR7.5183(3)50K01(2)
50
30
0.022
KG/K01
4
8
10
7.5
30
F211KG223(1)050(2)
SMR7.5223(3)50K01(2)
50
30
0.027
KG/K01
4
8
10
7.5
20
F211KG273(1)050(2)
SMR7.5273(3)50K01(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
(New/Legacy)
B
(mm)
H
(mm)
L
(mm)
Lead Spacing
(p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - F211AF104R050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F211AF104R050C

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com