Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF3C156(1)010(2)2000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TF3C156(1)010(2)2000
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF3C156(1)010(2)2000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TF3C156(1)010(2)2000 Datasheet HTML 1Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 2Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 3Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 4Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 5Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 6Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 7Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 8Page - Vishay Siliconix TF3C156(1)010(2)2000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TF3
www.vishay.com
Vishay Sprague
Revision: 13-Sep-16
4
Document Number: 40113
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUSE ACTIVATION
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
68
C
TF3C686(1)004(2)1600
2.7
6
1.600
0.26
68
C
TF3C686(1)004(2)1400
2.7
6
1.400
0.28
68
C
TF3C686(1)004(2)0400
2.7
6
0.400
0.52
100
C
TF3C107(1)004(2)1200
4.0
8
1.200
0.30
100
C
TF3C107(1)004(2)0800
4.0
8
0.800
0.37
100
C
TF3C107(1)004(2)0400
4.0
8
0.400
0.52
150
C
TF3C157(1)004(2)1200
6.0
8
1.200
0.30
150
C
TF3C157(1)004(2)0800
6.0
8
0.800
0.37
150
C
TF3C157(1)004(2)0400
6.0
8
0.400
0.52
150
D
TF3D157(1)004(3)0800
6.0
8
0.800
0.43
150
D
TF3D157(1)004(3)0600
6.0
8
0.600
0.50
150
D
TF3D157(1)004(3)0300
6.0
8
0.300
0.71
220
D
TF3D227(1)004(3)0700
8.8
8
0.700
0.46
220
D
TF3D227(1)004(3)0600
8.8
8
0.600
0.50
220
D
TF3D227(1)004(3)0400
8.8
8
0.400
0.61
220
D
TF3D227(1)004(3)0300
8.8
8
0.300
0.71
330
D
TF3D337(1)004(3)0700
13.2
15
0.700
0.46
330
D
TF3D337(1)004(3)0600
13.2
15
0.600
0.50
330
D
TF3D337(1)004(3)0400
13.2
15
0.400
0.61
330
D
TF3D337(1)004(3)0300
13.2
15
0.300
0.71
330
E
TF3E337(1)004(3)0700
13.2
8
0.700
0.49
330
E
TF3E337(1)004(3)0500
13.2
8
0.500
0.57
330
E (1)
TF3E337(1)004(3)0250
13.2
8
0.250
0.81
470
E
TF3E477(1)004(3)0500
18.8
8
0.500
0.57
470
E
TF3E477(1)004(3)0250
18.8
8
0.250
0.81
Notes
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D
(3) Terminations and packaging codes: C, D, U, V
(1) Preliminary values, contact factory for availability
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
TYPICAL CURVE
CURRENT (A)
10
1
0.1
0.01
0.001
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10


Similar Part No. - TF3C156(1)010(2)2000

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF3 CK-COMPONENTS-TF3 Datasheet
379Kb / 4P
   Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
31 May 21
logo
Rhombus Industries Inc.
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - TF3C156(1)010(2)2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com