Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK17TA8-RF25I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK17TA8-RF25I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-RF25I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-RF25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-RF25I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
STK17TA8
February 2004
6
Document Control # ML0023 rev 0.3
MODE SELECTION
Note m: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note n: While there are 17 addresses on the STK17TA8, only the lower 16 are used to control software modes.
Note o: I/O state depends on the state of G. The I/O table shown assumes G low.
E
W
G
A15 - A0 (hex)
MODE
I/O
POWER
NOTES
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
LHL
4E38
B1C7
83E0
7C1F
703F
8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore Inhibit
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
m, n, o
LHL
4E38
B1C7
83E0
7C1F
703F
4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore inhibit off
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
m, n, o
LHL
4E38
B1C7
83E0
7C1F
703F
8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
lCC
2
m, n, o
LHL
4E38
B1C7
83E0
7C1F
703F
4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
m, n, o


Similar Part No. - STK17TA8-RF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25I CYPRESS-STK17TA8-RF25I Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Similar Description - STK17TA8-RF25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com