Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR15104M63J01L4BULK Datasheet(PDF) 5 Page - Kemet Corporation

Part # SMR15104M63J01L4BULK
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMR15104M63J01L4BULK Datasheet(HTML) 5 Page - Kemet Corporation

  SMR15104M63J01L4BULK Datasheet HTML 1Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 2Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 3Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 4Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 5Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 6Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 7Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 8Page - Kemet Corporation SMR15104M63J01L4BULK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
5
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Performance Characteristics
Rated Voltage V
R (VDC)
50
63
100
250
400
Rated Voltage V
R (VAC)
30
40
63
160
200
Capacitance Range (µF)
0.001 – 22
0.001 – 22
0.001 – 12
0.001 – 3.9
0.001 – 1.8
Capacitance Tolerance
±10%, ±20%, ±2.5% and ±5% on request
Category Temperature
Range
−55to+150°C
Rated Temperature
+−55to+125°C
Voltage Derating
From+125°C,thevoltagederatingis2%/°C
Climatic Category
IEC 60068–1, 55/150/56
DIN 40040, FKD
Test Voltage
1.6 x V
R for 2 seconds
Reliability
Operational life > 200,000 hours
Failurerate<3FIT,T=+40°C,V=0.5xV
R
Failure criteria according to DIN 44122
Capacitance Drift
Maximum0.3%aftera2yearstorageperiodatatemperatureof+10°to+40°Candarelativehumidityof40to60%
Insulation Resistance
Measuredat+20°CAccordingtoIEC60384–1
Minimum Values Between Terminals
C≤0.33µF
C > 0.33 µF
V
R≤100V
15,000MΩ
5,000MΩ•µF
V
R > 100 V
30,000MΩ
10,000MΩ•µF
Dissipation Factor
MaximumValuesat+23°C
Lead Spacing
C≤0.1µF
0.1µF<C≤1.0µF
C > 1.0 µF
SMR 5
1 kHz
0.15%
0.15%
0.15%
10 kHz
0.25%
0.25%
0.35%
100 kHz
0.50%
0.60%
SMR 7.5 to 27.5
1 kHz
0.15%
0.15%
0.15%
10 kHz
0.25%
0.25%
100 kHz
0.60%


Similar Part No. - SMR15104M63J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR15104J400B10L16.5CBULK KEMET-SMR15104J400B10L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 400 V, 125C, Lead Spacing = 15mm
More results

Similar Description - SMR15104M63J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com