Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHH11N60E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHH11N60E
Description  Reduced switching and conduction losses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH11N60E Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHH11N60E Datasheet HTML 1Page - Vishay Siliconix SIHH11N60E Datasheet HTML 2Page - Vishay Siliconix SIHH11N60E Datasheet HTML 3Page - Vishay Siliconix SIHH11N60E Datasheet HTML 4Page - Vishay Siliconix SIHH11N60E Datasheet HTML 5Page - Vishay Siliconix SIHH11N60E Datasheet HTML 6Page - Vishay Siliconix SIHH11N60E Datasheet HTML 7Page - Vishay Siliconix SIHH11N60E Datasheet HTML 8Page - Vishay Siliconix SIHH11N60E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiHH11N60E
www.vishay.com
Vishay Siliconix
S15-2031-Rev. A, 24-Aug-15
2
Document Number: 91651
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDS.
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
42
55
°C/W
Maximum Junction-to-Case (Drain)
RthJC
0.76
1.10
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA
-
0.66
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
50
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 5.5 A
-
0.295
0.339
Ω
Forward Transconductance
gfs
VDS = 30 V, ID = 5.5 A
-
3.7
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
1076
-
pF
Output Capacitance
Coss
-56
-
Reverse Transfer Capacitance
Crss
-6
-
Effective Output Capacitance, Energy
Related a
Co(er)
VDS = 0 V to 480 V, VGS = 0 V
-52
-
Effective Output Capacitance, Time
Related b
Co(tr)
-
174
-
Total Gate Charge
Qg
VGS = 10 V
ID = 5.5 A, VDS = 480 V
-31
62
nC
Gate-Source Charge
Qgs
-7
-
Gate-Drain Charge
Qgd
-13
-
Turn-On Delay Time
td(on)
VDD = 480 V, ID = 5.5 A,
VGS = 10 V, Rg = 9.1
Ω
-16
32
ns
Rise Time
tr
-21
42
Turn-Off Delay Time
td(off)
-39
68
Fall Time
tf
-21
42
Gate Input Resistance
Rg
f = 1 MHz, open drain
0.2
0.7
1.5
Ω
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
11
A
Pulsed Diode Forward Current
ISM
--
27
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 5.5 A, VGS = 0 V
-
0.9
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 5.5 A,
dI/dt = 100 A/μs, VR = 25 V
-
280
560
ns
Reverse Recovery Charge
Qrr
-3.0
6.0
μC
Reverse Recovery Current
IRRM
-20
-
A
S
D
G


Similar Part No. - SIHH11N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH11N60E VISHAY-SIHH11N60E Datasheet
197Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHH11N60EF VISHAY-SIHH11N60EF Datasheet
212Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
Rev. A, 21-Dec-15
SIHH11N60EF-T1-GE3 VISHAY-SIHH11N60EF-T1-GE3 Datasheet
202Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH11N60EF VISHAY-SIHH11N60EF_V01 Datasheet
202Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH11N60E VISHAY-SIHH11N60E_V01 Datasheet
197Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHH11N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
SIHH14N60E VISHAY-SIHH14N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. B, 07-Sep-15
SIHG33N60E VISHAY-SIHG33N60E Datasheet
198Kb / 8P
   Reduced switching and conduction losses
Rev. F, 02-May-16
SIHP38N60E VISHAY-SIHP38N60E Datasheet
143Kb / 7P
   Reduced switching and conduction losses
Rev. A, 04-Jul-16
SIHH21N60E VISHAY-SIHH21N60E Datasheet
195Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
logo
STMicroelectronics
STS15N4LLF5 STMICROELECTRONICS-STS15N4LLF5 Datasheet
588Kb / 12P
   Conduction losses reduced
April 2010 Rev 1
STH240N75F3-2 STMICROELECTRONICS-STH240N75F3-2 Datasheet
878Kb / 18P
   Conduction losses reduced
July 2012 Rev 2
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com