Electronic Components Datasheet Search |
|
F450DD183K2K5C Datasheet(PDF) 1 Page - Kemet Corporation |
|
F450DD183K2K5C Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 25 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3033_PHE450 • 9/15/2016 1 One world. One KEMET Benefits • Rated voltage: 250 – 3,000 VDC • Rated voltage: 180 – 1,000 VAC • Capacitance range: 0.00033 – 10 µF • Lead spacing: 7.5 – 37.5 mm • Capacitance tolerance: ±5%, other tolerances on request • Climatic category: 55/105/56, IEC 60068–1 • Tape and reel packaging in accordance with IEC 60286–2 • RoHS Compliant and lead-free terminations • Categorytemperaturerangeof−55°Cto+105°C Overview The PHE450 Series is a polypropylene dielectric with double metallizedpolyesterfilmaselectrodes.Thecapacitoris encapsulated in self-extinguishing resin in a box of material meeting the requirements of UL 94 V–0. Applications Typical applications include high frequency applications with highcurrentstresssuchasdeflectioncircuitsintelevisions and protection circuits in switched mode power supply (SMPS) and electronic ballasts. General Purpose, Pulse and DC Transient Suppression PHE450 Series Double Metallized Polypropylene Film Legacy Part Number System PHE450 P B 5180 J B04 R06 Series Rated Voltage (VDC) Lead Spacing (mm) Capacitance Code (pF) Capacitance Tolerance Optional Box Code Packaging Metallized Polypropylene H = 250 K = 400 M = 630 P = 1000 R = 1600 S = 2000 T = 2500 X = 3000 K = 7.5 A = 10.0 B = 15.0 D = 22.5 F = 27.5 R = 37.5 The last three digits represent significantfigures. Firstdigitspecifies the number of zeros to be added. J = ±5% On request: F = ±1% G = ±2% H = ±2.5% K = ±10% M = ±20% See Dimension Table See Ordering Options Table New KEMET Part Number System F 450 B D 183 J 1K0 C Capacitor Class Series Lead Spacing (mm) Size Code Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Packaging F = Film Metallized Polypropylene K = 7.5 A = 10.0 B = 15.0 D = 22.5 F = 27.5 R = 37.5 See Dimension Table First two digits represent significant figures.Third digitspecifies number of zeros. J = ±5% On request: F = ±1% G = ±2% H = ±2.5% K = ±10% M = ±20% 250 = 250 400 = 400 630 = 630 1K0 = 1000 1K6 = 1600 2K0 = 2000 2K5 = 2500 3K0 = 3000 See Ordering Options Table Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - F450DD183K2K5C |
|
Similar Description - F450DD183K2K5C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |