Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC631 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC631
Description  50 A VRPower Integrated Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC631 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC631 Datasheet HTML 5Page - Vishay Siliconix SIC631 Datasheet HTML 6Page - Vishay Siliconix SIC631 Datasheet HTML 7Page - Vishay Siliconix SIC631 Datasheet HTML 8Page - Vishay Siliconix SIC631 Datasheet HTML 9Page - Vishay Siliconix SIC631 Datasheet HTML 10Page - Vishay Siliconix SIC631 Datasheet HTML 11Page - Vishay Siliconix SIC631 Datasheet HTML 12Page - Vishay Siliconix SIC631 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SiC631
www.vishay.com
Vishay Siliconix
S16-1261-Rev. C, 27-Jun-16
9
Document Number: 67104
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Test condition: VIN = 13 V (unless otherwise stated), VDRV = VCIN = 5 V, ZCD_EN# = 5 V, VOUT = 1 V, LOUT = 250 nH (DCR = 0.32 m), TA = 25 °C,
natural convection cooling (All power loss and normalized power loss curves show SiC631 losses only unless otherwise stated)
Fig. 12 - UVLO Threshold vs. Temperature
Fig. 13 - PWM Threshold vs. Temperature
Fig. 14 - PS4 Exit Latency vs. Temperature
Fig. 15 - BOOT Diode Forward Voltage vs. Temperature
Fig. 16 - ZCD_EN# Threshold vs. Temperature
Fig. 17 - PS4 Mode Current vs. Temperature
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
UVLO_FALLING
V
UVLO_RISING
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
I
F = 2 mA
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
TRI_ZCD_EN#_R
V
TRI_ZCD_EN#_F
V
TH_ZCD_EN#_R
V
TH_ZCD_EN#_F
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
PWM = V
ZCD_EN # = FLOAT


Similar Part No. - SIC631

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC631 VISHAY-SIC631 Datasheet
336Kb / 19P
   50 A VRPower짰 Integrated Power Stage
08-Feb-17
SIC631CD-T1-GE3 VISHAY-SIC631CD-T1-GE3 Datasheet
336Kb / 19P
   50 A VRPower짰 Integrated Power Stage
08-Feb-17
SIC631DB VISHAY-SIC631DB Datasheet
336Kb / 19P
   50 A VRPower짰 Integrated Power Stage
08-Feb-17
SIC631 VISHAY-SIC631_V01 Datasheet
336Kb / 19P
   50 A VRPower짰 Integrated Power Stage
08-Feb-17
More results

Similar Description - SIC631

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com